Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511CYFT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSH511CYFT
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CYFT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSH511CYFT Datasheet HTML 16Page - STMicroelectronics TSH511CYFT Datasheet HTML 17Page - STMicroelectronics TSH511CYFT Datasheet HTML 18Page - STMicroelectronics TSH511CYFT Datasheet HTML 19Page - STMicroelectronics TSH511CYFT Datasheet HTML 20Page - STMicroelectronics TSH511CYFT Datasheet HTML 21Page - STMicroelectronics TSH511CYFT Datasheet HTML 22Page - STMicroelectronics TSH511CYFT Datasheet HTML 23Page - STMicroelectronics TSH511CYFT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
General description
TSH511
20/25
The low output impedance of the demodulator (MIX-OUT pins) drives the external volume
control and the de-emphasis filter.
Figure 28.
FM demodulator schematics
8.4
Squelch section
To avoid audio FM noise at the speakers when no carrier is received, the TSH511 has a
built-in squelch circuit. The squelch detects the wideband FM noise on the demodulated
output and fades out the audio of both audio buffers.
The audio is filtered from the FM noise using the high-pass RC filter. The cut-off frequency is
typically 100kHz. The squelch level depends on the value of the RMUTE resistor in series
with the input pin of the noise amplifier MUTE-IN (pin 23). The detected noise is integrated
with the Cpeak capacitor connected to MUTE-INT pin. The DC voltage on this pin follows the
amplitude of the noise.
The comparator and the CMUTE capacitor generate the fade-in and fade-out control ramps
for the audio buffers. The squelch was designed with particular attention to avoid audio pop-
noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com