Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511CYFT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSH511CYFT
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CYFT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSH511CYFT Datasheet HTML 15Page - STMicroelectronics TSH511CYFT Datasheet HTML 16Page - STMicroelectronics TSH511CYFT Datasheet HTML 17Page - STMicroelectronics TSH511CYFT Datasheet HTML 18Page - STMicroelectronics TSH511CYFT Datasheet HTML 19Page - STMicroelectronics TSH511CYFT Datasheet HTML 20Page - STMicroelectronics TSH511CYFT Datasheet HTML 21Page - STMicroelectronics TSH511CYFT Datasheet HTML 22Page - STMicroelectronics TSH511CYFT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
TSH511
General description
19/25
The LNA output is directly connected to LNA-OUT1 and LNA-OUT2 pins in parallel (pin 8
and 4 respectively). Because the LNA minimum impedance load is 1kΩ, the load impedance
on each pin LNA-OUT1 or LNA-OUT2 must be 2kΩ minimum.
The series 50Ω resistor and the 100nF capacitor decouple the LNA supply voltage (pin 5),
thus improving noise performance.
8.2
AMP and LIM sections: amplifier and limiter
The first filter output is connected to the intermediate amplifier AMP. The gain of AMP is
typically 20dB. The second filter is connected between the output of AMP and the input of
the limiter LIM. The 60dB limiter LIM provides a constant amplitude signal to the FM
demodulator. It reduces the AM parasitic effects into the FM demodulator.
Figure 27.
AMP and LIM schematics
8.3
FM demodulator section
The FM demodulator is a classic quadrature demodulator based on a multiplier. The
quadrature is performed with the tank circuit Llo inductor and Clo capacitor. The tank circuit
is tuned on the receiving frequency.
The Rlo resistor is connected in parallel with Llo and Clo to reduce the Q factor of the tank
circuit. It allows to adjust the demodulation characteristics. For a given transmitting
deviation, a lower value of Rlo gives a lower demodulated amplitude and reduces the
distortion.
The AC amplitude on pin 18 must not exceed 300mVRMS to prevent clipping by the internal
ESD diodes of the circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com