Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511CYFT Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSH511CYFT
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CYFT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSH511CYFT Datasheet HTML 13Page - STMicroelectronics TSH511CYFT Datasheet HTML 14Page - STMicroelectronics TSH511CYFT Datasheet HTML 15Page - STMicroelectronics TSH511CYFT Datasheet HTML 16Page - STMicroelectronics TSH511CYFT Datasheet HTML 17Page - STMicroelectronics TSH511CYFT Datasheet HTML 18Page - STMicroelectronics TSH511CYFT Datasheet HTML 19Page - STMicroelectronics TSH511CYFT Datasheet HTML 20Page - STMicroelectronics TSH511CYFT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TSH511
General description
17/25
8
General description
The TSH511 is a 0.4MHz to 11MHz dual FM analog receiver. The incoming signal is
amplified with a 22dB low noise amplifier (LNA) section. The good noise performance of the
LNA allows the photo diode for infrared applications to be connected directly to the TSH511
without any external preamplifier. The access pins for each section and the two standby
configurations offer high versatility for many applications: hi-fi stereo infrared receiver,
mono/stereo subcarrier receiver, power line carrier audio.
Figure 25.
TSH511 block diagram
The LNA is common to both receivers but the output is split in two: one for each receiver.
Each LNA output can be connected to a first optional filter for bandpass or reject filtering.
The filtered signal is amplified with an intermediate amplifier (AMP) section followed by a
second filter. The AMP sections have 20dB typical gain.
Finally, the signal is amplified and limited in the limiter (LIM) section. The 60dB amplifier-
limiter LIM provides a constant amplitude signal to the demodulator. It reduces AM parasitic
demodulation in the FM demodulator.
The FM demodulator is a classic quadrature detector that uses an external tank.
BUF-OUT2
BUF-OUT1
MUTE-OUT
MUTE-INT
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
TSH511
Audio
buffers
Standby
RX1
RX2
SQUELCH
GND
SBY1
SBY2
VCC
DEC-OUT
GND
MUTE-IN
GND
AMP-IN2
VCC
LNA-OUT2
VCC
LNA-IN
GND
LNA-OUT1
VCC
AMP-IN1
DEC-LNA
Vref
LNA
amp.
limiter
FM demodulator
limiter
amp.
FM demodulator
BUF-OUT2
BUF-OUT1
MUTE-OUT
MUTE-INT
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
TSH511
Audio
buffers
Standby
RX1
RX2
SQUELCH
GND
SBY1
SBY2
VCC
DEC-OUT
GND
MUTE-IN
GND
AMP-IN2
VCC
LNA-OUT2
VCC
LNA-IN
GND
LNA-OUT1
VCC
AMP-IN1
DEC-LNA
Vref
LNA
amp.
limiter
FM demodulator
limiter
amp.
FM demodulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com