Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511CYFT Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSH511CYFT
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CYFT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSH511CYFT Datasheet HTML 14Page - STMicroelectronics TSH511CYFT Datasheet HTML 15Page - STMicroelectronics TSH511CYFT Datasheet HTML 16Page - STMicroelectronics TSH511CYFT Datasheet HTML 17Page - STMicroelectronics TSH511CYFT Datasheet HTML 18Page - STMicroelectronics TSH511CYFT Datasheet HTML 19Page - STMicroelectronics TSH511CYFT Datasheet HTML 20Page - STMicroelectronics TSH511CYFT Datasheet HTML 21Page - STMicroelectronics TSH511CYFT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
General description
TSH511
18/25
The demodulated signal can be amplified by the audio buffer section after de-emphasis.
Each audio buffer can drive a 16
Ω headphone with 20mW power.
The two standby pins SBY1 & SBY2 allow the second receiver RX2 to be put into standby
for mono operation. In mono mode, it is possible to use both audio buffers or only one
depending on the combination on SBY1 & SBY2.
To avoid noise at the audio output, a squelch section mutes the audio buffers when no
carrier is received. The squelch section uses the demodulated signal of the first receiver
(RX1). This signal is high-pass filtered, rectified and compared to a threshold to produce the
Mute signal (pin 25). When no carrier is received on RX1, the wideband ’FM noise’ on the
demodulator increases and the Mute signal mutes both audio buffers. When the carrier is
present, the wideband noise on the demodulator output decreases, enabling the audio
buffer.
8.1
LNA section: low noise amplifier
The low noise amplifier (LNA) has a typical gain of 22dB to amplify the incoming RF signal
from the photo diode. The LNA is common to both receiver sections RX1 and RX2.
Figure 26.
LNA schematics
Table 5.
Infrared audio frequencies
IR frequency in MHz
Applications
1.6
AM mono
1.7
FM mono
2.3
FM right channel
2.8
FM left channel or mono



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com