Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511CYFT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH511CYFT
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CYFT Datasheet(HTML) 5 Page - STMicroelectronics

  TSH511CYFT Datasheet HTML 1Page - STMicroelectronics TSH511CYFT Datasheet HTML 2Page - STMicroelectronics TSH511CYFT Datasheet HTML 3Page - STMicroelectronics TSH511CYFT Datasheet HTML 4Page - STMicroelectronics TSH511CYFT Datasheet HTML 5Page - STMicroelectronics TSH511CYFT Datasheet HTML 6Page - STMicroelectronics TSH511CYFT Datasheet HTML 7Page - STMicroelectronics TSH511CYFT Datasheet HTML 8Page - STMicroelectronics TSH511CYFT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TSH511
Absolute maximum ratings
5/25
2
Absolute maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
7V
Toper
Operating free air temperature range
-40 to +85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthjc
Thermal resistance junction to case
14
°C/W
Rthja
Thermal resistance junction to ambient area
45
°C/W
ESD
except
for pin 6
HBM: human body model(2)
CDM: charged device model(3)
MM: machine model(4)
2
1.5
0.2
kV
ESD only for
pin 6
HBM: human body model
CDM: charged device model
MM: machine model
1
1
0.1
kV
Latch-up
Class(5)
A
1.
All voltage values, except differential voltage, are with respect to network ground terminal.
2.
Electrostatic discharge pulse (ESD pulse) simulating a human body discharge of 100pF through 1.5k
Ω.
3.
Discharge to ground of a device that has been previously charged.
4.
Electrostatic discharge pulse (ESD pulse) approximating a pulse of a machine or mechanical equipment.
5.
Corporate STMicroelectronics procedure number 0018695.
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.3 to 5.5
V
faudio
Audio frequency range
20 to 20,000
Hz
fcarrier
Carrier frequency range
0.4 to 11
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com