Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 10Page - Texas Instruments TUSB1310 Datasheet HTML 11Page - Texas Instruments TUSB1310 Datasheet HTML 12Page - Texas Instruments TUSB1310 Datasheet HTML 13Page - Texas Instruments TUSB1310 Datasheet HTML 14Page - Texas Instruments TUSB1310 Datasheet HTML 15Page - Texas Instruments TUSB1310 Datasheet HTML 16Page - Texas Instruments TUSB1310 Datasheet HTML 17Page - Texas Instruments TUSB1310 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
TUSB1310
SLLSE16C – DECEMBER 2009 – REVISED AUGUST 2010
www.ti.com
2.4
Clocking
Table 2-5. Clock Signal Name Description
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
Crystal Input. This pin is the clock reference input for the TUSB1310. The TUSB1310
XI
I
A12
supports either a crystal unit, or a 1.8-V clock input. Frequencies supported are 20, 25,
30, or 40 MHz.
XO
O
A11
Crystal output. If a 1.8-V clock input is connected to XI, XO must be left open.
CLKOUT
O
D10
OOBCLK is driven in U3 mode.
2.5
JTAG Interface
The JTAG Interface is used for board-level boundary scan. All digital IO support IEEE1149.1 boundary
scan and SuperSpeed differential pairs support IEEE1149.6 boundary scan.
Table 2-6. JTAG Signal Name Description
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
JTAG_TCK
I, PU
G11
JTAG test clock
JTAG_TMS
I, PU
D11
JTAG test mode select
JTAG_TDI
I, PU
E11
JTAG test data input
JTAG_TRSTN
I, PD
E12
JTAG test asynchronous reset. Active Low.
JTAG_TDO
O
F11
JTAG test data output
2.6
Reset and Output Control Interface
Table 2-7. Reset and Output Control Signal Description
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
RESETN
I
J11
Active Low. Resets the transmitter and receiver. This signal is asynchronous.
Active High. This can be connected to a 1.8-V power on reset signal on the PCB in
order to avoid static current and signal contention during power up.
OUT_ENABLE
I
L10
0: Disable all driver outputs while IO powers are supplied, but internal control circuit
powers are not present during power up.
1: Enable all driver outputs during normal operation.
2.7
Strap Options
Strapping pins are latched by reset de-assertion in the TUSB1310.
Table 2-8. Strapping Options
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
Selects an input clock source
XTAL_DIS
S, I/O, PD
F3
0
Crystal Input
(RX_ELECIDLE)
1
Clock Input
Selects PIPE
PIPE_16BIT
S, I/O, PD
E3
0
16-bit PIPE SDR mode
(PHY_STATUS)
Must be 0 at reset.
Active High. Puts PIPE into isolate mode. When in the isolate mode, TUSB1310 does
not respond to packet data present at TX_DATA15-0, TXDATAK1-0 inputs and presents
a high imped-ance on the PCLK, RX_DATA15-0, RX_DATAK1-0, RX_VALID outputs.
ISO_START
S, I/O, PD
N6
When in the isolate mode, the TUSB1310 will continue to respond to ULPI. Once the
(ULPI_DATA7)
isolate mode bit in ULPI register is cleared, the USB interfaces will start transmitting
packet data on TX_DATA15-0 and driving PCLK, RX_DATA15-0, RX_DATA1-0, and
RX_VALID.
14
PIN DESCRIPTIONS
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com