Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 13Page - Texas Instruments TUSB1310 Datasheet HTML 14Page - Texas Instruments TUSB1310 Datasheet HTML 15Page - Texas Instruments TUSB1310 Datasheet HTML 16Page - Texas Instruments TUSB1310 Datasheet HTML 17Page - Texas Instruments TUSB1310 Datasheet HTML 18Page - Texas Instruments TUSB1310 Datasheet HTML 19Page - Texas Instruments TUSB1310 Datasheet HTML 20Page - Texas Instruments TUSB1310 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
TUSB1310
www.ti.com
SLLSE16C – DECEMBER 2009 – REVISED AUGUST 2010
3
FUNCTIONAL DESCRIPTION
3.1
Power On and Reset
The TUSB1310 has two hardware reset pins, a chip reset RESETN and a logic reset PHY_RESETN. The
RESETN is used only at Power On. The PHY_RESETN can be used as a functional reset. The ULPI
register also has a software reset.
Until all power sources are supplied, the OUT_ENABLE pin can control the output driver enable. After all
power sources are supplied, the chip reset RESETN and a ULPI soft reset will be asserted by the link
layer. The power up sequence is described in section 3.1.4.
3.1.1
RESETN and PHY_RESETN – Hardware Reset
The RESETN sets all internal states to initial values. The link layer needs to hold the PHY in reset via the
RESETN until all power sources and the reference clock to the TUSB1310 are stable. All pins used for
strapping options must be set before RESETN de-assertion. All strapping option pins have internal pull-up
or pull-down to set default values, but if any non-default values are desired, they need to be controlled
externally by the link layer controller.
Table 3-1. Pin States in Chip Reset
PIPE CONTROL
STATE
VALUE
PIN NAME
TX_DETRX_LPBK
Inactive
0
TX_ELECIDLE
Active
1
TX_COMPLIANCE
Inactive
0
RX_POLARITY
Inactive
0
POWER_DOWN
U2
10b
TX_MARGIN2-0
Normal operating range
000b
TX_DEEMP
-3.5 dB
1
RATE
5.0 Gbps
1
TX_SWING
Full swing or half swing
0 or 1
RX_TERMINATION
Appropriate state
0 or 1
3.1.2
ULPI Reset – Software Reset
After power-up, the link layer controller must set the Reset bit in ULPI register. It resets the core but does
not reset the ULPI interface or the ULPI registers.
During the ULPI reset, the ULPI_DIR is de-asserted. After the reset, the ULPI_DIR is asserted again and
the TUSB1310 sends an RX CMD update to the link layer. During the reset, the link should ignore signals
on the ULPI_DATA7-0 and must not access the TUSB1310.
3.1.3
OUT_ENABLE - Output Enable
Digital IO buffers use two power supplies, core VDD1P1 and IO VDD1P8. During power up,
OUT_ENABLE must be asserted low for proper operation.
3.1.4
Power Up Sequence
The power up sequence is shown in Figure 3-1.
Copyright © 2009–2010, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
17
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com