Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 24Page - Texas Instruments TUSB1310 Datasheet HTML 25Page - Texas Instruments TUSB1310 Datasheet HTML 26Page - Texas Instruments TUSB1310 Datasheet HTML 27Page - Texas Instruments TUSB1310 Datasheet HTML 28Page - Texas Instruments TUSB1310 Datasheet HTML 29Page - Texas Instruments TUSB1310 Datasheet HTML 30Page - Texas Instruments TUSB1310 Datasheet HTML 31Page - Texas Instruments TUSB1310 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
TUSB1310
SLLSE16C – DECEMBER 2009 – REVISED AUGUST 2010
www.ti.com
5.2.2
Oscillator
If an external clock source is used, XI should be tied to the clock source and XO should be left floating.
Table 5-1. Oscillator Specification
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Frequency tolerance
Operational temperature
±50
ppm
Frequency stability
1 year aging
±50
ppm
Rise / Fall time
20% - 80%
6
ns
Reference clock RJ with JTF (1 sigma)
(1) (2)
0.8
ps
Reference clock TJ with JTF (total p-p)
(2) (3)
25
ps
Reference clock jitter (absolute p-p)(4)
50
ps
(1)
Sigma value assuming Gaussian distribution
(2)
After application of JTF
(3)
Calculated as 14.1 x RJ + DJ
(4)
Absolute phase jitter (p-p)
5.2.3
Crystal
Either a 20-MHz, 25-MHz, 30-MHz, or 40-MHz crystal can be selected. A parallel, 20-pF load crystal
should be used if a crystal source is used.
Table 5-2. Oscillator Specification
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Frequency tolerance
Operational temperature
±50
ppm
Frequency stability
1 year aging
±50
ppm
Load capacitance
12
20
24
pF
28
DESIGN GUIDELINES
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com