Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 18Page - Texas Instruments TUSB1310 Datasheet HTML 19Page - Texas Instruments TUSB1310 Datasheet HTML 20Page - Texas Instruments TUSB1310 Datasheet HTML 21Page - Texas Instruments TUSB1310 Datasheet HTML 22Page - Texas Instruments TUSB1310 Datasheet HTML 23Page - Texas Instruments TUSB1310 Datasheet HTML 24Page - Texas Instruments TUSB1310 Datasheet HTML 25Page - Texas Instruments TUSB1310 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
TUSB1310
SLLSE16C – DECEMBER 2009 – REVISED AUGUST 2010
www.ti.com
4
REGISTERS
4.1
Register Definitions
Table 4-1. Register Definitions
ACCESS CODE
EXPANDED NAME
DESCRIPTION
Rd
Read
Register can be read. Read only if this is the only mode given.
Wr
Write
Pattern on the data bus will be written over all bits of the register.
S
Set
Pattern on the data bus is OR'ed with and written into the register.
Pattern on the data bus is a mask. If a bit in the mask is set, then the
C
Clear
corresponding register bit will be set to zero(cleared).
4.2
Register Map
The TUSB1310 contains the ULPI registers consisting of an immediate register set and an extended
register set.
Table 4-2. Register Map
ADDRESS (6 BITS)
REGISTER NAME
Rd
Wr
Set
Clr
IMMEDIATE REGISTER SET
Vendor ID low
00h
Vendor ID high
01h
Product ID low
02h
Product ID high
03h
Function control
04h-06h
04h
05h
06h
Interface control
07h-09h
07h
08h
09h
Reserved
10h – 14h
Debug
15h
Scratch register
16h-18h
16h
17h
18h
Reserved
19h-2Eh
Access extended register set
2Fh
NonSS USB
30h-32h
30h
31h
32h
SS USB
33h-35h
33h
34h
35h
Reserved
36h-3Fh
EXTENDED REGISTER SET
Maps to immediate register set above
00h-3Fh
Reserved
40h-7Fh
Vendor specific
80h-FFh
4.2.1
Vendor ID and Product ID (00h-03h)
Table 4-3. Vendor ID and Product ID
ADDRESS
BITS
NAME
ACCESS
RESET
DESCRIPTION
00h
7:00
Vendor ID low
Rd
51h
Lower byte of vendor ID supplied by USB-IF
01h
7:00
Vendor ID high
Rd
04h
Upper byte of vendor ID supplied by USB-IF
02h
7:00
Product ID low
Rd
10h
Lower byte of vendor ID supplied by vendor
03h
7:00
Product ID high
Rd
13h
Upper byte of vendor ID supplied by vendor
22
REGISTERS
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com