Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 21Page - Texas Instruments TUSB1310 Datasheet HTML 22Page - Texas Instruments TUSB1310 Datasheet HTML 23Page - Texas Instruments TUSB1310 Datasheet HTML 24Page - Texas Instruments TUSB1310 Datasheet HTML 25Page - Texas Instruments TUSB1310 Datasheet HTML 26Page - Texas Instruments TUSB1310 Datasheet HTML 27Page - Texas Instruments TUSB1310 Datasheet HTML 28Page - Texas Instruments TUSB1310 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
CEXTSS
CEXT
4 .7nF
VSSA
VSSA
4.7 nF
R1EXT
R1EXTRTN
10KW ± 1 %
VBUS
DP
DM
USB Connector
XI
VSSOSC
XO
Crystal
Connection
ULPI
PIPE RX
PIPE TX
Link Controller
JTAG
JTAG
10KW ± 1%
90.9KW ± 1 %
TUSB1310
www.ti.com
SLLSE16C – DECEMBER 2009 – REVISED AUGUST 2010
5
DESIGN GUIDELINES
5.1
Chip Connection on PCB
Components should be placed close to the TUSB1310 to reduce the trace length of the interface between
the components and the TUSB1310. If external capacitors can not accommodate a close placement,
shielding to ground is recommended.
Figure 5-1. Analog Pin Connections
5.1.1
USB Connector Pins Connection
Differential pair signals, DP/DM, SSTXP/SSTXN, SSRXP/SSRXN, should be kept as short as possible.
The differential pair traces should be trace-length matched and parallelism should be maintained. They
also need to minimize vias and corners and should avoid crossing plane splits and stubs.
Figure 5-2 and Figure 5-3 are for visual reference only.
Copyright © 2009–2010, Texas Instruments Incorporated
DESIGN GUIDELINES
25
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com