Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 19Page - Texas Instruments TUSB1310 Datasheet HTML 20Page - Texas Instruments TUSB1310 Datasheet HTML 21Page - Texas Instruments TUSB1310 Datasheet HTML 22Page - Texas Instruments TUSB1310 Datasheet HTML 23Page - Texas Instruments TUSB1310 Datasheet HTML 24Page - Texas Instruments TUSB1310 Datasheet HTML 25Page - Texas Instruments TUSB1310 Datasheet HTML 26Page - Texas Instruments TUSB1310 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
TUSB1310
www.ti.com
SLLSE16C – DECEMBER 2009 – REVISED AUGUST 2010
4.2.2
Function Control (04h-06h)
Address: 04h-06h (Read), 04h(Write), 05h(Set), 06h(Clear)
Table 4-4. Function Control
BITS
NAME
ACCESS
RESET
DESCRIPTION
Selects the required transceiver speed
00b : Enable HS transceiver
01b: Enable FS transceiver
1:00
XcvrSelect
Rd/Wr/S/C
1h
10b: Enable LS transceiver
11b: Enable FS transceiver for LS packets
(FS preamble is automatically pre-pended)
Controls the internal 1.5-k
Ω pullup resister and 45-Ω HS terminations.
Control over bus resistors changes depending on XcvrSelect,
2
TermSelect
Rd/Wr/S/C
0
OpMode, DpPulldown and DmPulldown. Since low speed peripherals
never support full speed or hi-speed, providing the 1.5 k
Ω on DM for
low speed is optional.
Selects the required bit encoding style during transmit
00 : Normal operation
01: Non-driving
4:03
OpMode
Rd/Wr/S/C
0
10: Disable bit-stuff and NRZI encoding
11: Do not automatically add SYNC and EOP when transmitting. Must
be used only for HS packets.
Active High transceiver reset. After the Link sets this bit, the
TUSB1310 must assert the ULPI_DIR and reset the ULPI. When the
reset is completed, the PHY de-asserts the ULPI_DIR and
automatically clears this bit. After de-asserting the ULPI_DIR, the PHY
5
Reset
Rd/Wr/S/C
0
must re-assert the ULPI_DIR and send an RX CMD update on the link
layer controller. The link layer controller must wait for the ULPI_DIR to
de-assert before using the ULPI bus. Does not reset the ULPI or ULPI
register set.
Active low PHY suspend. Put the TUSB1310 into low power mode.
The PHY can power down all blocks except the full speed receiver,
OTG comparators, and the ULPI pins. The PHY must automatically set
6
SuspendM
Rd/Wr/S/C
1h
this bit to '1' when low power mode is exited.
0: Low power mode
1: Powered
7
Reserved
Rd
0
Reserved
Copyright © 2009–2010, Texas Instruments Incorporated
REGISTERS
23
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com