Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 34 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 30Page - Texas Instruments XIO2001 Datasheet HTML 31Page - Texas Instruments XIO2001 Datasheet HTML 32Page - Texas Instruments XIO2001 Datasheet HTML 33Page - Texas Instruments XIO2001 Datasheet HTML 34Page - Texas Instruments XIO2001 Datasheet HTML 35Page - Texas Instruments XIO2001 Datasheet HTML 36Page - Texas Instruments XIO2001 Datasheet HTML 37Page - Texas Instruments XIO2001 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 131 page
background image
CLK
FRAME
LOCK
IRDY
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Figure 3-11. Continuing a Locked Sequence
Because PCI Express does not have a unique locked-memory write request packet, all PCI Express
memory write requests that are received while the bridge is locked are considered part of the locked
sequence and are transmitted to PCI as locked-memory write transactions.
The bridge terminates the locked sequence when an unlock message is received from PCI Express and
all previous locked transactions have been completed.
Figure 3-12. Terminating a Locked Sequence
In the erroneous case that a normal downstream memory read request is received during a locked
sequence, the bridge responds with an unsupported request completion status. Note that this condition
must never occur, because the PCI Express Specification requires the root complex to block normal
memory read requests at the source. All locked sequences that end successfully or with an error condition
must be immediately followed by an unlock message. This unlock message is required to return the bridge
to a known unlocked state.
3.10 Two-Wire Serial-Bus Interface
The bridge provides a two-wire serial-bus interface to load subsystem identification information and
specific register defaults from an external EEPROM. The serial-bus interface signals (SDA and SCL) are
shared with two of the GPIO terminals (3 and 4). If the serial bus interface is enabled, then the GPIO3 and
GPIO4 terminals are disabled. If the serial bus interface is disabled, then the GPIO terminals operate as
described in Section 3.13.
3.10.1 Serial-Bus Interface Implementation
To enable the serial-bus interface, a pullup resistor must be implemented on the SCL signal. At the rising
34
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com