Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 98 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 94Page - Texas Instruments XIO2001 Datasheet HTML 95Page - Texas Instruments XIO2001 Datasheet HTML 96Page - Texas Instruments XIO2001 Datasheet HTML 97Page - Texas Instruments XIO2001 Datasheet HTML 98Page - Texas Instruments XIO2001 Datasheet HTML 99Page - Texas Instruments XIO2001 Datasheet HTML 100Page - Texas Instruments XIO2001 Datasheet HTML 101Page - Texas Instruments XIO2001 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
5.10 Secondary Uncorrectable Error Status Register
The secondary uncorrectable error status register reports the status of individual PCI bus errors as they
occur. Software may only clear these bits by writing a 1b to the desired location. See Table 5-8 for a
complete description of the register contents.
PCI Express extended register offset:
12Ch
Register type:
Read-only, Read/Clear
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5-8. Secondary Uncorrectable Error Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
R
Reserved. Returns 000 0000 0000 0000 0000b when read.
13
INTERNAL_ERROR
R
Internal bridge error. This error bit is associated with a PCI-X error and returns 0b when
read.
12(1)
SERR_DETECT
RCU
SERR assertion detected. This bit is asserted when the bridge detects the assertion of
SERR on the secondary bus.
11 (1)
PERR_DETECT
RCU
PERR assertion detected. This bit is asserted when the bridge detects the assertion of
PERR on the secondary bus.
10 (1)
DISCARD_TIMER
RCU
Delayed transaction discard timer expired. This bit is asserted when the discard timer
expires for a pending delayed transaction that was initiated on the secondary bus.
9 (1)
UNCOR_ADDR
RCU
Uncorrectable address error. This bit is asserted when the bridge detects a parity error
during the address phase of an upstream transaction.
8
UNCOR_ATTRIB
R
Uncorrectable attribute error. This error bit is associated with a PCI-X error and returns 0b
when read.
7 (1)
UNCOR_DATA
RCU
Uncorrectable data error. This bit is asserted when the bridge detects a parity error during
a data phase of an upstream write transaction, or when the bridge detects the assertion of
PERR when forwarding read completion data to a PCI device.
6
UNCOR_SPLTMSG
R
Uncorrectable split completion message data error. This error bit is associated with a
PCI-X error and returns 0b when read.
5
UNXPC_SPLTCMP
R
Unexpected split completion error. This error bit is associated with a PCI-X error and
returns 0b when read.
4
RSVD
R
Reserved. Returns 0b when read.
3 (1)
MASTER_ABORT
RCU
Received master abort. This bit is asserted when the bridge receives a master abort on
the PCI interface.
2 (1)
TARGET_ABORT
RCU
Received target abort. This bit is asserted when the bridge receives a target abort on the
PCI interface.
1
MABRT_SPLIT
R
Master abort on split completion. This error bit is associated with a PCI-X error and returns
0b when read.
0
TABRT_SPLIT
R
Target abort on split completion status. This error bit is associated with a PCI-X error and
returns 0b when read.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
98
PCI Express Extended Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com