Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 76 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 72Page - Texas Instruments XIO2001 Datasheet HTML 73Page - Texas Instruments XIO2001 Datasheet HTML 74Page - Texas Instruments XIO2001 Datasheet HTML 75Page - Texas Instruments XIO2001 Datasheet HTML 76Page - Texas Instruments XIO2001 Datasheet HTML 77Page - Texas Instruments XIO2001 Datasheet HTML 78Page - Texas Instruments XIO2001 Datasheet HTML 79Page - Texas Instruments XIO2001 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
4.65 General Control Register
This read/write register controls various functions of the bridge. See Table 4-39 for a complete description
of the register contents.
PCI register offset:
D4h
Register type:
Read-only, Read/Write
Default value:
8600 025Fh
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
1
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
1
0
0
1
0
1
1
1
1
1
Table 4-39. General Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:30(1)
CFG_RETRY_CN
RW
Configuration retry counter. Configures the amount of time that a configuration request must be
TR
retried on the secondary PCI bus before it may be completed with configuration retry status on
the PCI Express side.
00 = 25 ms
01 = 1 ms
10 = 25 ms (default)
11 = 50 ms
29:28(1)
ASPM_CTRL_DE
RW
Active State Power Management Control Default Override. These bits are used to determine the
F_OVRD
power up default for bits 1:0 of the Link Control Register in the PCI Express Capability Structure.
00 = Power on default indicates that the active state power management is disable (00b)
01 = (default)
10 = Power on default indicates that the active state power management is enabled for L0s
11 = (01b)
Power on default indicates that the active state power management is enabled for L1s
(10b)
Power on default indicates that the active state power management is enabled for L0s
and L1s (11b)
27 (1)
LOW_POWER_E
RW
Low-power enable. When this bit is set, the half-amplitude, no pre-emphasis mode for the PCI
N
Express TX drivers is enabled. The default for this bit is 0b.
26 (1)
PCI_PM_VERSIO
RW
PCI power management version control. This bit controls the value reported in bits 2:0
N_CTRL
(PM_VERSION) in the power management capabilities register (offset 4Ah, see Section 4.36). It
also controls the value of bit 3 (NO_SOFT_RESET) in the power management control/status
register (offset 4Ch, see Section 4.37).
0 = Version fields reports 010b and NO_SOFT_RESET reports 0b for Power
Management 1.1 compliance
1 = Version fields reports 011b and NO_SOFT_RESET reports 1b for Power
Management 1.2 compliance (default)
25 (1)
RSVD
RW
Reserved. Bit 25 defaults to 0b. If this register is programmed via EEPROM or another
mechanism, then the value written into this field must be 0b.
24
RSVD
R
Reserved. Returns 0b when read.
23 (1)
CPM_EN_DEF_O
RW
Clock power management enable default override. This bit determines the power-up default for
VRD
bits 1:0 (CPM_EN) of the link control register (offset 80h, see Section 4.53) in the PCI Express
Capability structure.
0 = Power-on default indicates that clock power management is disabled (00b) (default)
1 = Power-on default indicates that clock power management is enabled for L0s and L1
(11b)
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
76
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com