Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 18 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 14Page - Texas Instruments XIO2001 Datasheet HTML 15Page - Texas Instruments XIO2001 Datasheet HTML 16Page - Texas Instruments XIO2001 Datasheet HTML 17Page - Texas Instruments XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments XIO2001 Datasheet HTML 21Page - Texas Instruments XIO2001 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Table 2-5. PCI System Terminals (continued)
ZGU
ZAJ
PNP
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
PIN #
TYPE
TYPE
RAIL
PARTS
C/BE[3]
N01
M03
36
I/O
PCI
PCIR
PCI command byte enables
C/BE[2]
J03
K01
25
Bus
–
C/BE[1]
F02
F03
14
C/BE[0]
B01
C02
3
CLK
F03
F01
13
I
PCI
PCIR
PCI clock input. This is the clock input
–
Bus
to the PCI bus core.
CLKOUT0
B05
B05
120
O
PCI
PCIR
PCI clock outputs. These clock outputs
CLKOUT1
B06
B06
117
Bus
are used to clock the PCI bus. If the
CLKOUT2
A07
B07
114
bridge PCI bus clock outputs are used,
CLKOUT3
B07
A07
112
–
then CLKOUT6 must be connected to
CLKOUT4
A09
A08
107
the CLK input.
CLKOUT5
A10
A10
104
CLKOUT6
B11
C10
99
DEVSEL
H02
H02
20
I/O
PCI
PCIR
Pullup
PCI device select
Bus
resistor per
PCI spec
FRAME
J02
J01
24
I/O
PCI
PCIR
Pullup
PCI frame
Bus
resistor per
PCI spec
GNT5
B10
B11
101
O
PCI
PCIR
PCI grant outputs. These signals are
GNT4
A11
B10
103
Bus
used for arbitration when the PCI bus
GNT3
B09
B09
106
is the secondary bus and an external
–
GNT2
B08
B08
109
arbiter is not used. GNT0 is used as
GNT1
C06
A06
115
the REQ for the bridge when an
GNT0
A05
A05
118
external arbiter is used.
INTA
M06
N06
47
I
PCI
PCIR
PCI interrupts A–D. These signals are
Pullup
INTB
N06
L06
48
Bus
interrupt inputs to the bridge on the
resistor per
INTC
M07
M07
49
secondary PCI bus.
PCI spec
INTD
L07
N07
50
IRDY
J01
H03
23
I/O
PCI
PCIR
Pullup
PCI initiator ready
Bus
resistor per
PCI spec
LOCK
M08
N08
54
I/O
PCI
PCIR
This terminal functions as PCI LOCK
Bus
when bit 12 (LOCK_EN) is set in the
general control register (see
Pullup
Section 4.65).
resistor per
PCI spec
Note: In lock mode, an external pullup
resistor is required to prevent the
LOCK signal from floating.
M66EN
L06
M06
45
I
PCI
PCIR
66-MHz mode enable
Bus
0 = Secondary PCI bus and clock
outputs
operate
at
33
MHz.
If
Pullup
PCLK66_SEL
is
low
then
the
resistor per
frequency will be 25 MHz.
PCI spec
1 = Secondary PCI bus and clock
outputs
operate
at
66
MHz.
If
PCLK66_SEL
is
low
then
the
frequency will be 50 MHz.
PAR
F01
G01
15
I/O
PCI
PCIR
PCI bus parity
–
Bus
PERR
G02
G03
17
I/O
PCI
PCIR
Pullup
PCI parity error
Bus
resistor per
PCI spec
PME
L12
M12
67
I
LV
VDD_33_
Pullup resistor per PCI spec PCI power
CMOS
COMBIO
management event. This terminal may
Pullup
be used to detect PME events from a
resistor per
PCI device on the secondary bus.
PCI spec
Note:
The
PME
input
buffer
has
hysteresis.
18
Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com