Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 24 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 20Page - Texas Instruments XIO2001 Datasheet HTML 21Page - Texas Instruments XIO2001 Datasheet HTML 22Page - Texas Instruments XIO2001 Datasheet HTML 23Page - Texas Instruments XIO2001 Datasheet HTML 24Page - Texas Instruments XIO2001 Datasheet HTML 25Page - Texas Instruments XIO2001 Datasheet HTML 26Page - Texas Instruments XIO2001 Datasheet HTML 27Page - Texas Instruments XIO2001 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 131 page
background image
V
and
DD_15
V
DDA_15
V
and
DD_33
V
DDA_33
PCIR
REFCLK
PERST
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
3.1.2
Power-Down Sequence
1. Assert PERST to the device.
2. Remove the reference clock.
3. Remove PCIR clamp voltage.
4. Remove 3.3-V and 1.5-V voltages.
See the power-down sequencing diagram in Figure 3-3. If the VDD_33_AUX terminal is to remain powered
after a system shutdown, then the bridge power-down sequence is exactly the same as shown in
Figure 3-3.
Figure 3-3. Power-Down Sequence
3.2
Bridge Reset Features
There are five bridge reset options that include internally-generated power-on reset, resets generated by
asserting input terminals, and software-initiated resets that are controlled by sending a PCI Express hot
reset or setting a configuration register bit. Table 3-1 identifies these reset sources and describes how the
bridge responds to each reset.
Table 3-1. XIO2001 Reset Options
RESET
XIO2001 FEATURE
RESET RESPONSE
OPTION
Bridge
During a power-on cycle, the bridge asserts an internal reset When the internal power-on reset is asserted, all control
internally-
and monitors the VDD_15_COMB terminal. When this terminal
registers, state machines, sticky register bits, and power
generated
reaches 90% of the nominal input voltage specification,
management state machines are initialized to their default
power-on reset
power is considered stable. After stable power, the bridge
state.
monitors the PCI Express reference clock (REFCLK) and
In addition, the XIO2001 asserts the internal PCI bus reset.
waits 10 ms after active clocks are detected. Then, internal
power-on reset is deasserted.
Global reset
When GRST is asserted low, an internal power-on reset
When GRST is asserted low, all control registers, state
input
occurs. This reset is asynchronous and functions during
machines, sticky register bits, and power management
GRST
both normal power states and VAUX power states.
state machines are initialized to their default state. In
addition, the bridge asserts PCI bus reset (PRST). When
the rising edge of GRST occurs, the bridge samples the
state of all static control inputs and latches the information
internally. If an external serial EEPROM is detected, then a
download cycle is initiated. Also, the process to configure
and initialize the PCI Express link is started. The bridge
starts link training within 80 ms after GRST is deasserted.
24
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com