Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 21 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 17Page - Texas Instruments XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments XIO2001 Datasheet HTML 21Page - Texas Instruments XIO2001 Datasheet HTML 22Page - Texas Instruments XIO2001 Datasheet HTML 23Page - Texas Instruments XIO2001 Datasheet HTML 24Page - Texas Instruments XIO2001 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
Table 2-7. Miscellaneous Terminals (continued)
ZGU
ZAJ
PNP
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
PIN #
TYPE
TYPE
RAIL
PARTS
GPIO3 //
N11
L08
58
I/O
LV
VDD_33
GPIO3
or
serial-bus
data.
This
terminal
SDA
CMOS
functions as serial-bus data if a pullup resistor is
detected on SCL or when the SBDETECT bit is
Optional
set in the Serial Bus Control and Status
pullup
Register (see Section 4.58). If no pullup is
resistor
detected then this terminal functions as GPIO3.
Note: In serial-bus mode, an external pullup
resistor is required to prevent the SDA signal
from floating.
GPIO4 //
M10
M10
59
I/O
LV
VDD_33
GPIO4
or
serial-bus
clock.
This
terminal
SCL
CMOS
functions as serial-bus clock if a pullup resistor
is detected on SCL or when the SBDETECT bit
is set in the Serial Bus Control and Status
Register (see Section 4.58). If no pullup is
detected then this terminal functions as GPIO4.
Optional
pullup
Note: In serial-bus mode, an external pullup
resistor
resistor is required to prevent the SCL signal
from floating.
Note: This terminal has an internal active pullup
resistor. The pullup is only active when reset is
asserted or when the GPIO is configured as an
input.
GRST
N13
M11
66
I
LV
VDD_33
Global reset input. Asynchronously resets all
CMOS
_COMBIO
logic in device, including sticky bits and power
management state machines.
–
Note:
The
GRST
input
buffer
has
both
hysteresis and an internal active pullup. The
pullup is active at all times.
PCLK66_SE
B12
A11
98
I
LV
VDD_33
PCI clock select. This terminal determines the
L
CMOS
default PCI clock frequency driven out the
CLKOUTx terminals.
0 = 50 MHz PCI Clock
Optional
pulldown
1 = 66 MHz PCI Clock
resistor
Note: This terminal has an internal active pullup
resistor. This pullup is active at all times.
Note: M66EN terminal also has an affect of PCI
clock frequency.
SERIRQ
N08
M08
52
I/O
PCI Bus
PCIR
Serial IRQ interface. This terminal functions as
Pullup or
a serial IRQ interface if a pullup is detected
pulldown
when PERST is deasserted. If a pulldown is
resistor
detected, then the serial IRQ interface is
disabled.
VREG_PD3
D12
E11
90
I
LV
VDD_33
3.3-V voltage regulator powerdown. This
3
CMOS
_COMBIO
Pulldown
terminal should always be tied directly to
resistor
ground or an optional pulldown resistor can be
used.
Copyright © 2009–2010, Texas Instruments Incorporated
Overview
21
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com