Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 160 page
background image
Pin Descriptions
Pin Functions
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Pin Descriptions
27
2.3.2 OSC1 and OSC2
The OSC1 and OSC2 pins are the connections for the on-chip oscillator.
The oscillator can be driven by any of the following:
•
Crystal
•
Ceramic resonator
•
External clock signal
The frequency of the on-chip oscillator is f
OSC. The MCU divides the
internal oscillator output by two to produce the internal clock with a
frequency of f
OP.
2.3.2.1 Crystal Connections
The circuit in Figure 2-3 shows a
typical crystal oscillator circuit
for an AT-cut, parallel resonant
crystal. Follow the crystal
supplier’s recommendations, as
the crystal parameters
determine the external
component values required to
provide reliable startup and
maximum stability. The load
capacitance values used in the
oscillator circuit design should
include all stray layout
capacitances. To minimize
output distortion, mount the
crystal and capacitors as close
as possible to the pins.
NOTE:
Use an AT-cut crystal. Do not use a strip or tuning fork crystal. The MCU
may overdrive or have the incorrect characteristic impedance for a strip
or tuning fork crystal.
MCU
XTAL
10 M
Ω
27 pF
27 pF
Figure 2-3. Crystal Connections
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com