Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 160 page
background image
Computer Operating Properly Watchdog (COP)
Technical Data
MC68HC705P9 — Rev. 4.0
96
Computer Operating Properly Watchdog (COP)
MOTOROLA
8.3 Introduction
The purpose of the computer operating properly (COP) watchdog is to
reset the MCU in case of software failure. Software that is operating
properly periodically services the COP watchdog and prevents the reset
from occurring. The COP watchdog function is programmable in the
mask option register.
8.4 Operation
8.4.1 COP Watchdog Timeout
The COP watchdog is a 16-bit counter that generates a reset if allowed
to time out. Periodically clearing the counter starts a new timeout period
and prevents the COP from resetting the MCU. A COP watchdog
timeout indicates that the software is not executing instructions in the
correct sequence.
NOTE:
The internal clock drives the COP watchdog. Therefore, the COP
watchdog cannot generate a reset for errors that cause the internal clock
to stop.
The COP watchdog also depends on a power supply voltage at or above
a minimum specification and is not guaranteed to protect against
brownout. For information about brownout protection, see Section 5.
Resets and Interrupts.
8.4.2 COP Watchdog Timeout Period
Use the following formula to calculate the COP timeout period:
where
COP timeout period
131 072 cycles
,
fBUS
---------------------------------------
=
fBUS
crystal frequency
2
---------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com