Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 160 page
background image
Memory
Technical Data
MC68HC705P9 — Rev. 4.0
38
Memory
MOTOROLA
3.6.1.1 EPROM Programming Register
The EPROM programming register contains the control bits for
programming the EPROM/OTPROM.
LATCH — EPROM Bus Latch
This read/write bit latches the address and data buses for
EPROM/OTPROM programming. Clearing the LATCH bit
automatically clears the EPGM bit. EPROM/OTPROM data cannot be
read while the LATCH bit is set. Resets clear the LATCH bit.
1 = Address and data buses configured for EPROM/OTPROM
programming
0 = Address and data buses configured for normal operation
EPGM bit— EPROM Programming
This read/write bit applies the voltage from the IRQ/VPP pin to the
EPROM/OTPROM. To write the EPGM bit, the LATCH bit must
already be set. Clearing the LATCH bit also clears the EPGM bit.
Resets clear the EPGM bit.
1 = EPROM/OTPROM programming power switched on
0 = EPROM/OTPROM programming power switched off
NOTE:
Writing logic ones to both the LATCH and EPGM bits with a single
instruction sets LATCH and clears EPGM. LATCH must be set first by a
separate instruction.
Bits 7–3 and Bit 1— Reserved
Bits 7–3 and bit 1 are factory test bits that always read as logic zeros.
$001C
Bit 7
6
54321
Bit 0
Read:
0
0
0
0
0
LATCH
0
EPGM
Write:
RRRRR
R
Reset:
00
000000
R = Reserved
Figure 3-3. EPROM Programming Register (EPROG)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com