Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 15Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 16Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 160 page
background image
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
List of Tables
19
Technical Data — MC68HC705P9
List of Tables
Table
Title
Page
1-1
Programmable Options. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
3-1
Bootloader Function Selection . . . . . . . . . . . . . . . . . . . . . . . . . 40
4-1
Register/Memory Instructions . . . . . . . . . . . . . . . . . . . . . . . . . . 53
4-2
Read-Modify-Write Instructions . . . . . . . . . . . . . . . . . . . . . . . .54
4-3
Jump and Branch Instructions . . . . . . . . . . . . . . . . . . . . . . . . . 55
4-4
Bit Manipulation Instructions. . . . . . . . . . . . . . . . . . . . . . . . . . . 56
4-5
Control Instructions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57
4-6
Instruction Set Summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
4-7
Opcode Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
5-1
External Reset Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
5-2
External Interrupt Timing (VDD = 5.0 Vdc) . . . . . . . . . . . . . . . .70
5-3
External Interrupt Timing (VDD = 3.3 Vdc) . . . . . . . . . . . . . . . .70
5-4
Reset/Interrupt Vector Addresses. . . . . . . . . . . . . . . . . . . . . . . 73
7-1
Port A Pin Operation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
7-2
Port B Pin Operation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
7-3
Port C Pin Operation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
7-4
Port D Pin Operation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
9-1
Timer Characteristics (VDD = 5.0 Vdc) . . . . . . . . . . . . . . . . . .105
9-2
Timer Characteristics (VDD = 3.3 Vdc) . . . . . . . . . . . . . . . . . .105
9-3
Timer Interrupt Sources . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
10-1
SIOP Timing (VDD = 5.0 Vdc) . . . . . . . . . . . . . . . . . . . . . . . . .124
10-2
SIOP Timing (VDD = 3.3 Vdc) . . . . . . . . . . . . . . . . . . . . . . . . .124
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com