Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 160 page
background image
Memory
Technical Data
MC68HC705P9 — Rev. 4.0
34
Memory
MOTOROLA
$0008
Unimplemented
$0009
Unimplemented
$000A
SIOP Control Register
(SCR)
See page 125.
Read:
0
SPE
0
MSTR
0
0
0
0
Write:
Reset:
00000
000
$000B
SIOP Status Register
(SSR)
See page 126.
Read:
SPIF
DCOL
0
0
0
0
0
0
Write:
Reset:
00000
000
$000C
SIOP Data Register
(SDR)
See page 127.
Read:
Bit 7
6543
21
Bit 0
Write:
Reset:
Unaffected by reset
$000D
Unimplemented
↓
$0011
Unimplemented
$0012
Timer Control Register
(TCR)
See page 109.
Read:
ICIE
OCIE
TOIE
0
0
0
IEDG
OLVL
Write:
Reset:
00000
0
U
0
$0013
Timer Status Register
(TSR)
See page 110.
Read:
ICF
OCF
TOF
0
0
0
0
0
Write:
Reset:
U
UU
00
000
$0014
Input Capture Register High
(ICRH)
See page 114.
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Unaffected by reset
Addr.
Name
Bit 7
6543
21
Bit 0
= Unimplemented
R = Reserved
U = Unaffected
Figure 3-2. I/O Register Summary (Sheet 2 of 4)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com