Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 160 page
background image
Memory
Technical Data
MC68HC705P9 — Rev. 4.0
42
Memory
MOTOROLA
3.7 Mask Option Register
The mask option register (MOR) is an EPROM/OTPROM byte that is
programmable only with the bootloader function. The MOR controls:
•
LSB first or MSB first SIOP data transfer
•
Edge-triggered or edge- and level-triggered external interrupt pin
•
Enabled or disabled COP watchdog
To program the MOR, use the 5-step procedure given in 3.6.1.1 EPROM
Programming Register. Write to address $0900 in step 3.
SIOP — Serial I/O Port
The SIOP bit controls the shift direction into and out of the SIOP shift
register.
1 = SIOP data transferred LSB first (bit 0 first)
0 = SIOP data transferred MSB first (bit 7 first)
IRQ — Interrupt Request
The IRQ bit makes the external interrupt function of the IRQ/VPP pin
level-triggered as well as edge-triggered.
1 = IRQ/VPP pin negative-edge triggered and low-level triggered
0 = IRQ/VPP pin negative-edge triggered only
COPE — COP Enable
COPE enables the COP watchdog. In applications that have wait
cycles longer than the COP watchdog timeout period, the COP
watchdog can be disabled by not programming the COPE bit to logic
one.
1 = COP watchdog enabled
0 = COP watchdog disabled
$0900
Bit 7
6
5
4
3
2
1
Bit 0
Read:
0
0
0
0
0
SIOP
IRQ
COPE
Write:
Reset:
Unaffected by reset
Erased:
00
00
00
00
= Unimplemented
Figure 3-5. Mask Option Register (MOR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com