Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 154 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 154 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 150Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 151Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 152Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 153Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 154Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 155Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 156Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 157Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 158Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 160 page
background image
Index
154
Index
MOTOROLA
CPU registers . . . . . . . . . . .36, 50, 53, 57, 72
accumulator (A) . . . . . . . . . . . . .49–50, 53
condition code register
(CCR) .45, 55, 69, 71–72, 112–115
index register (X) . . . . . . . . . . . . . . .49–53
program counter (PC) . . . . .52, 55, 66, 72
stack pointer (SP) . . . . . . . . . . . . . . . . .36
crystal
AT-cut . . . . . . . . . . . . . . . . . . . . . . . . . .27
strip . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
tuning fork . . . . . . . . . . . . . . . . . . . . . . .27
crystal oscillator circuit . . . . . . . . . . . . . . . .27
D
data direction registers . . . . . . .121–122, 125
data direction register A (DDRA) . .29, 83
data direction register B (DDRB) . .29, 86
data direction register C (DDRC) . .29, 89
data direction register D (DDRD) . .29, 92
data-retention mode . . . . . . . . . . . . . . . . . .80
DCOL bit . . . . . . . . . . . . . . . . . . . . . . . . . .126
DDRA[7:0] bits . . . . . . . . . . . . . . . . . . . . . .83
DDRB[7:5] bits . . . . . . . . . . . . . . . . . . . . . .86
DDRC[7:0] bits . . . . . . . . . . . . . . . . . . . . . .89
DDRD5 bit . . . . . . . . . . . . . . . . . . . . . . . . .92
E
electrical specifications
control timing . . . . . . . . . . . . . . . .146–147
current versus internal clock
frequency . . . . . . . . . . . . .144–145
DC electrical characteristics . . . .141–142
driver characteristics . . . . . . . . . . . . . .143
maximum ratings . . . . . . . . . . . . . . . . .138
power considerations . . . . . . . . . . . . .140
electrostatic damage . . . . . . . . . . . . . . . . .81
EPGM bit . . . . . . . . . . . . . . . . . . . . . . . . . .38
EPROM erasure . . . . . . . . . . . . . . . . . .37, 41
EPROM programming register (EPROG) . .38
EPROM/OTPROM
bootloader circuit . . . . . . . . . . . . . . . . . 40
EPROM erasing . . . . . . . . . . . . . . . . . . 41
locations . . . . . . . . . . . . . . . . . . . . . . . .37
programming . . . . . . . . . . . . . . . . . . . . 37
external interrupt . . . . . . . 29, 69–70, 98, 116
external interrupt vector . . . . . . . . . . . . . . .72
external reset . . . . . . . . . . . . . . . . 67, 98, 116
F
features . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
I
I bit . . . . . . . . . . . . . . . . . 69, 71–72, 112–115
I/O bits
ADON bit . . . . . . . . . . . . . . . . . . 135–136
ADRC bit . . . . . . . . . . . . . . .132, 134, 136
AN[3:0] bits . . . . . . . . . . . . . . . . . . . . . . 88
C bit . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
CCF bit . . . . . . . . . . . . . . . . . . . . 132, 134
CH[2:0] bits . . . . . . . . . . . . . . . . . . . . . 135
COPC bit . . . . . . . . . . . . . . . . . 68, 97–98
COPE bit . . . . . . . . . . . . . . . . . . . . . . . .42
DCOL bit . . . . . . . . . . . . . . . . . . . . . . .126
DDRA[7:0] bits . . . . . . . . . . . . . . . . . . .83
DDRB[7:5] bits . . . . . . . . . . . . . . . . . . .86
DDRC[7:0] bits . . . . . . . . . . . . . . . . . . .89
DDRD5 bit . . . . . . . . . . . . . . . . . . . . . . 92
EPGM bit . . . . . . . . . . . . . . . . . . . . . . . 38
I bit . . . . . . . . . . . . . . 69, 71–72, 112–115
ICF bit . . . . . . . . . . 71, 108, 111, 114, 116
ICIE bit . . . . . . . . . . . . . . . . . 71, 108–109
IEDG bit . . . . . . . . . . . . . . . . . . . . . . .110
IRQ bit . . . . . . . . . . . . . . . . . . . . . . . . . 42
LATCH bit . . . . . . . . . . . . . . . . . . . . . . . 38
MSTR bit . . . . . . . . . . . . . . . . . . . . . . .126
OCF bit . . . . . . . . . . . . . 71, 108, 111, 115
OCIE bit . . . . . . . . . . . . . . . .71, 108–109
OLVL bit . . . . . . . . . . . . . . . . . . . 104, 110
PA[7:0] bits . . . . . . . . . . . . . . . . . . . . . . 83
PB[7:5] bits . . . . . . . . . . . . . . . . . . . . . . 85
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com