Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC174 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC174
Description  4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC174 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC174 Datasheet HTML 4Page - Semtech Corporation SC174 Datasheet HTML 5Page - Semtech Corporation SC174 Datasheet HTML 6Page - Semtech Corporation SC174 Datasheet HTML 7Page - Semtech Corporation SC174 Datasheet HTML 8Page - Semtech Corporation SC174 Datasheet HTML 9Page - Semtech Corporation SC174 Datasheet HTML 10Page - Semtech Corporation SC174 Datasheet HTML 11Page - Semtech Corporation SC174 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
© 2010 Semtech Corporation
Typical Characteristics
Efficiency vs Output Current
65.0
70.0
75.0
80.0
85.0
90.0
95.0
100.0
0
1
2
3
4
Output Current (A)
Vin=5V, Vo=3.3V,
LOUT: DS86C-B992AS-2R0N,
COUT=22 Fx2
RTON = 80.6kOhm
Red: PSAVE Mode
Blue: Forced Continuous PWM Mode
Efficiency vs Output Current
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
0
1
2
3
4
Output Current (A)
Vin=5V, Vo=1.2V,
LOUT: DS86C-B992AS-2R0N
COUT=22 F
RTON = 54.9kOhm
Red: PSAVE Mode
Blue: Forced Continuous PWM Mode
Efficiency vs Output Current
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
0
1
2
3
4
Output Current (A)
Vo=1.2V, RTON = 54.9kOhm
LOUT: DS86C-B992AS-2R0N
COUT:22 F
Forced Continuous Mode
Red:Vin = 3.5V
Green: Vin = 4.0V
Blue: Vin = 5.0V
Output Voltage vs Output Current
3.297
3.306
3.314
3.323
3.331
3.340
0
1
2
3
4
Output Current (A)
Vin=5V, Vo=3.3V,
LOUT: DS86C-B992AS-2R0N,
COUT=22 Fx2
RTON = 80.6kOhm
Red: PSAVE Mode
Blue: Forced Continuous PWM Mode
Output Voltage vs Output Current
1.195
1.200
1.205
1.210
1.215
0
1
2
3
4
Output Current (A)
Vin=5V, Vo=1.2V,
LOUT: DS86C-B992AS-2R0N
COUT=22 F
RTON = 54.9kOhm
Red: PSAVE Mode
Blue: Forced Continuous PWM Mode
Output Voltage vs Output Current
1.200
1.203
1.205
1.208
1.210
0
1
2
3
4
Output Current (A)
Vo=1.205V, RTON = 54.9kOhm
LOUT: DS86C-B992AS-2R0N
COUT:22 F
Forced Continuous Mode
Black: Vin = 5V
Red: Vin = 4V
Blue: Vin = 3.5V
8
SC174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com