Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC174 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC174
Description  4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC174 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC174 Datasheet HTML 8Page - Semtech Corporation SC174 Datasheet HTML 9Page - Semtech Corporation SC174 Datasheet HTML 10Page - Semtech Corporation SC174 Datasheet HTML 11Page - Semtech Corporation SC174 Datasheet HTML 12Page - Semtech Corporation SC174 Datasheet HTML 13Page - Semtech Corporation SC174 Datasheet HTML 14Page - Semtech Corporation SC174 Datasheet HTML 15Page - Semtech Corporation SC174 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
© 2010 Semtech Corporation
+
-
Hi-Side
and
Lo-Side
Gate
Drivers
PWM
On-Shot Timing
Generator
Time = K x VOUT/VIN
VOUT
VIN
FB
REF
S
R
Q
Q1
Q2
L
COUT
VIN
ESR
+
VOUT
VLX
FB
LPF
RTON
The SC174 uses an external resistor to set the on-time
which indirectly sets the frequency. The on-time can
be programmed to provide operating frequency from
200kHz to 1MHz using a resistor between the TON pin
and ground. The resistor value is
selected by the fol-
lowing equation.
V
OUT Voltage Selection
The switcher output voltage is regulated by comparing
V
OUT as seen through a resistor divider at the FB pin to
the internal 750mV reference voltage, see Figure 3.
Figure 3 — Output Voltage Selection
Note that this control method regulates the valley of the
output ripple voltage, not the DC value. The DC output
voltage V
OUT is offset by the output ripple according to
the following equation.
Figure 2 — On-Time Generation
SW
TON
f
25pF
1
R
⋅
=
R1
VOUT
To FB pin
R2
2
V
R
R
1
0.75V
V
RIPPLE
2
1
OUT
+


+
⋅
=
Enable and Power-save Inputs
The EN/PSV inputs are used to enable or disable the
switching regulator. When EN/PSV is low (grounded),
the switching regulator is off and in its lowest power
state. When off, the output power switches are tri-stat-
ed. When EN/PSV is allowed to float, the pin voltage will
float to 41% of the voltage at V
DD. The switching regula-
tor turns on with power-save disabled and all switching
is in forced continuous mode.
When EN/PSV is high (above 60% of the voltage at V
DD),
the switching regulator turns on with ultrasonic power-
save enabled. The SC174 ultrasonic power-save opera-
tion maintains a minimum switching frequency of 25kHz,
for applications with stringent audio requirements.
Forced Continuous Mode Operation
The SC174 operates in Forced Continuous Mode (FCM)
by floating the EN/PSV pin (see Figure 4). In this mode
one of the power MOSFETs is always on, with no inten-
tional dead time other than to avoid cross-conduction.
This feature results in uniform frequency across the full
load range with the trade-off being poor efficiency at
light loads due to the high-frequency switching of the
MOSFETs.
Figure 4 — Forced Continuous Mode Operation
Applications Information (continued)
12
SC174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com