Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC174 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC174
Description  4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC174 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC174 Datasheet HTML 9Page - Semtech Corporation SC174 Datasheet HTML 10Page - Semtech Corporation SC174 Datasheet HTML 11Page - Semtech Corporation SC174 Datasheet HTML 12Page - Semtech Corporation SC174 Datasheet HTML 13Page - Semtech Corporation SC174 Datasheet HTML 14Page - Semtech Corporation SC174 Datasheet HTML 15Page - Semtech Corporation SC174 Datasheet HTML 16Page - Semtech Corporation SC174 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
© 2010 Semtech Corporation
Applications Information (continued)
Ultrasonic Power Save Operation
The SC174 provides ultrasonic power save operation at
light loads, with the minimum operating frequency fixed
at 25kHz. This is accomplished using an internal timer
that monitors the time between consecutive high-side
gate pulses. If the time exceeds 40µs, DL drives high to
turn the low-side MOSFET on. This draws current from
V
OUT through the inductor, forcing both VOUT and VFB to
fall. When V
FB drops to the 750mV threshold, the next DH
on-time is triggered. After the on-time is completed the
high-side MOSFET is turned off and the low-side MOS-
FET turns on. The low-side MOSFET remains on until the
inductor current ramps down to zero, at which point the
low-side MOSFET is turned off.
Because the on-times are forced to occur at intervals
no greater than 40µs, the frequency will not fall below
~25kHz. Figure 5 shows ultrasonic power save opera-
tion.
Figure 5 — Ultrasonic Power Save Operation
Smart Power Save Protection
Active loads may leak current from a higher voltage into
the switcher output. Under light load conditions with
power save enabled, this can force V
OUT to slowly rise
and reach the over-voltage threshold, resulting in a hard
shutdown. Smart power save prevents this condition.
When the FB voltage exceeds 10% above nominal (ex-
ceeds 825mV), the device immediately disables power-
save, and DL drives high to turn on the low-side MOSFET.
This draws current from V
OUT through the inductor and
causes V
OUT to fall. When VFB drops back to the 750mV trip
point, a normal T
ON switching cycle begins. This method
prevents a hard OVP shutdown and also cycles energy
from V
OUT back to VIN. Figure 6 shows typical waveforms
for the Smart Power Save feature.
Figure 6 — Smart Power Save
Current Limit Protection
The device features fixed current limiting, which is ac-
complished by using the R
DS(ON) of the lower MOSFET for
current sensing. While the low-side MOSFET is on, the
inductor current flows through it and creates a voltage
across the R
DS(ON). During this time, the voltage across the
MOSFET is negative with respect to ground. During this
time, If this MOSFET voltage drop exceeds the internal
reference voltage, the current limit will activate. The cur-
rent limit then keeps the low-side MOSFET on and will
not allow another high side on-time, until the current in
the low-side MOSFET reduces enough to drop below the
internal reference voltage once more. This method regu-
lates the inductor valley current at the level shown by I
LIM
in Figure 7.
13
SC174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com