Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC174 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC174
Description  4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC174 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC174 Datasheet HTML 5Page - Semtech Corporation SC174 Datasheet HTML 6Page - Semtech Corporation SC174 Datasheet HTML 7Page - Semtech Corporation SC174 Datasheet HTML 8Page - Semtech Corporation SC174 Datasheet HTML 9Page - Semtech Corporation SC174 Datasheet HTML 10Page - Semtech Corporation SC174 Datasheet HTML 11Page - Semtech Corporation SC174 Datasheet HTML 12Page - Semtech Corporation SC174 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
© 2010 Semtech Corporation
Typical Characteristics
OCP Valley Threshold vs Temperature
3.5
3.8
4.0
4.3
4.5
4.8
5.0
5.3
5.5
-50
-25
0
25
50
75
100 125
Temperature (°C)
VDD=5.0V
VDD=3.0V
IBST Leakage Current vs Temperature
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
-50
-25
0
25
50
75
100 125
Temperature (°C)
VIN=5V
VBST=VIN
Start up waveform ( VIN=5V, VOUT=1.2V, IOUT=4A,
Channel 1: 500mV/Div, Channel 4: 2A/Div, Time: 0.5ms/Div
)
Load Transient Test (VIN=5V, VOUT=1.2V, IOUT= 0A to 4A,
Forced Continuous Conduction Mode, LOUT=1.3 H,
COUT=3x22 F, Channel 1: 50mV/Div, Channel
2:5V/Div,Channel 4: 2A/Div, Time:10 s/Div)
Load Transient Test (VIN=5V, VOUT=1.2V, IOUT= 4A to 0A,
Forced Continuous Conduction Mode, LOUT=1.3 H,
COUT=3x22 F, Channel 1: 50mV/Div, Channel
2:5V/Div,Channel 4: 2A/Div, Time:10 s/Div)
IVIN Input Current In Shutdown vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-50
-25
0
25
50
75
100 125
Temperature (°C)
VIN=5V
Blue: VLX=GND
Black: VLX=VIN
9
SC174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com