Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC174 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC174
Description  4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC174 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC174 Datasheet HTML 14Page - Semtech Corporation SC174 Datasheet HTML 15Page - Semtech Corporation SC174 Datasheet HTML 16Page - Semtech Corporation SC174 Datasheet HTML 17Page - Semtech Corporation SC174 Datasheet HTML 18Page - Semtech Corporation SC174 Datasheet HTML 19Page - Semtech Corporation SC174 Datasheet HTML 20Page - Semtech Corporation SC174 Datasheet HTML 21Page - Semtech Corporation SC174 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
© 2010 Semtech Corporation
Applications Information (continued)
and discharging during the switching cycle. For most ap-
plications, the total output ripple voltage is dominated
by the output capacitors, typically SP or POSCAP devices.
For stability the ESR zero of the output capacitor should
be lower than approximately one-third the switching fre-
quency. The formula for minimum ESR is shown by the
following equation.
Using Ceramic Output Capacitors
When applications use ceramic output capacitors, the
ESR is normally too small to meet the previously stated
ESR criteria. In these applications it is necessary to add
a small signal injection network as shown in Figure 9. In
this network R
L and CL filter the LX switching waveform to
generate an in-phase ripple voltage comparable to the
ripple seen on higher ESR capacitors. C
C is a coupling ca-
pacitor used to AC couple the generated ripple onto the
FB pin. Capacitor C
FF is required for min COUT applications.
This capacitor introduces a lead/lag into the control with
the maximum phase placed at 1/2 f
SW for added stability.
Q1
Q2
VLX
L
RL
CL
CC
R1
R2
COUT
VIN
CFF
Figure 9 — Signal Injection Circuit
The values of R
L, CL, CC and CFF are dependent on the con-
ditions of the specific application such as V
IN, VOUT, fSW and
I
OUT. For switching frequencies ranging from 600kHz to
800kHz, calculations plus experimental test results show
that the following combination of R
L=2.5kW, CL=10nF,
C
C=68pF and CFF=39pF can be used for many output volt-
ages and loads.
SW
OUT
MIN
f
C
2
3
ESR
×
×
π
×
=
Output Voltage Dropout
The output voltage adjustable range for continuous-
conduction operation is limited by the fixed 320ns (typi-
cal) minimum off-time. When working with low input
voltages, the duty-factor limit must be calculated using
worst-case values for on and off times. The duty-factor
limitation is shown by the next equation.
)
MAX
(
OFF
)
MIN
(
ON
)
MIN
(
ON
T
T
T
DUTY
The inductor resistance and MOSFET on-state voltage
drops must be included when performing worst-case
dropout duty-factor calculations.
System DC Accuracy — V
OUT Controller
Three factors affect V
OUT accuracy: the trip point of the FB
error comparator, the ripple voltage variation with line
and load, and the external resistor tolerance. The error
comparator offset is trimmed so that under static condi-
tions it trips when the feedback pin is 750mV, +1%.
The on-time pulse from the SC174 in the design example
is calculated to give a pseudo-fixed frequency of 800kHz.
Some frequency variation with line and load is expected.
This variation changes the output ripple voltage. Be-
cause adaptive on-time converters regulate to the valley
of the output ripple, ½ of the output ripple appears as a
DC regulation error. For example, if the output ripple is
50mV with V
IN = 5 volts, then the measured DC output
will be 25mV above the comparator trip point. If the rip-
ple increases to 30mV with V
IN = 5.5V, then the measured
DC output will be 15mV above the comparator trip. The
best way to minimize this effect is to minimize the output
ripple.
To compensate for valley regulation, it may be desirable
to use passive droop. Take the feedback directly from the
output side of the inductor and place a small amount of
trace resistance between the inductor and output ca-
pacitor. This trace resistance should be optimized so that
at full load the output droops to near the lower regula-
tion limit. Passive droop minimizes the required output
capacitance because the voltage excursions due to load
steps are reduced as seen at the load.
18
SC174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com