Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC174 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC174
Description  4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC174 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC174 Datasheet HTML 12Page - Semtech Corporation SC174 Datasheet HTML 13Page - Semtech Corporation SC174 Datasheet HTML 14Page - Semtech Corporation SC174 Datasheet HTML 15Page - Semtech Corporation SC174 Datasheet HTML 16Page - Semtech Corporation SC174 Datasheet HTML 17Page - Semtech Corporation SC174 Datasheet HTML 18Page - Semtech Corporation SC174 Datasheet HTML 19Page - Semtech Corporation SC174 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
© 2010 Semtech Corporation
Applications Information (continued)
Example
In this example, the inductor ripple current is set equal to
50% of the maximum load current. Therefore ripple cur-
rent will be 50% x 4A or 2A. To find the minimum induc-
tance needed, use the V
IN and TON values that correspond
to V
INMAX.
A larger value of 2µH is selected. This will decrease the
maximum I
RIPPLE to 0.511A.
Note that the inductor must be rated for the maximum
DC load current plus 1/2 of the ripple current.
The ripple current under minimum V
IN conditions is also
checked using the following equations.
Capacitor Selection
The output capacitors are chosen based on required ESR
and capacitance. The maximum ESR requirement is con-
trolled by the output ripple requirement and the DC tol-
erance. The output voltage has a DC value that is equal
to the valley of the output ripple plus 1/2 of the peak-
to-peak ripple. Change in the output ripple voltage will
lead to a change in DC voltage at the output.
The design goal is for the output voltage regulation to be
±4% under static conditions. The internal 750mV refer-
ence tolerance is 1%. Assuming a 1% tolerance from the
FB resistor divider, this allows 2% tolerance due to V
OUT
ripple. Since this 2% error comes from 1/2 of the ripple
voltage, the allowable ripple is 4%, or 40mV for a 1V out-
put.
H
0.51
2A
227ns
1V)
-
(5.5V
L
m
=
•
=
227ns
V
V
R
25pF
T
INMAX
OUT
TON
ON_VINMAX
=
×
×
=
0.485A
H
2
277ns
1V)
-
(4.5V
I
MIN
RIPPLE_VIN
=
m
×
=
L
T
)
V
-
(V
I
ON
OUT
IN
RIPPLE
×
=
The maximum ripple current of 0.511A creates a ripple
voltage across the ESR. The maximum ESR value allowed
is shown by the following equations.
0.51A
mV
40
I
V
ESR
RIPPLEMAX
RIPPLE
MAX
=
=
ESR
MAX = 80 mΩ
The output capacitance is chosen to meet transient re-
quirements. A worst-case load release, from maximum
load to no load at the exact moment when inductor cur-
rent is at the peak, determines the required capacitance.
If the load release is instantaneous (load changes from
maximum to zero in < 1µs), the output capacitor must
absorb all the inductor’s stored energy. This will cause a
peak voltage on the capacitor according to the following
equation.
Assuming a peak voltage V
PEAK of 1.050V (50mV rise upon
load release), and a 4A load release, the required capaci-
tance is shown by the next equation.
Iftheloadreleaseisrelativelyslow,theoutputcapacitance
can be reduced. At heavy loads during normal switching,
when the FB pin is above the 750mV reference, the DL
output is high and the low-side MOSFET is on. During this
time, the voltage across the inductor is approximately
-V
OUT.
This causes a down-slope or falling di/dt in the
inductor. If the load di/dt is not much faster than the
-di/dt in the inductor, then the inductor current will tend
to track the falling load current. This will reduce the
excess inductive energy that must be absorbed by the
output capacitor, therefore a smaller capacitance can be
used.
The following can be used to calculate the needed ca-
pacitance for a given dI
LOAD/dt. Peak inductor current is
shown by the next equation.
2
OUT
2
PEAK
2
RIPPLEMAX
OUT
MIN
)
(V
-
)
(V
)
I
2
1
(I
L
COUT
×
+
×
=
F
353
(1.0V)
-
(1.05V)
0.511A)
2
1
(4A
H
2
COUT
2
2
2
MIN
m
=
×
+
×
m
=
277ns
V
V
R
25pF
T
INMIN
OUT
TON
ON_VINMIN
=
×
×
=
16
SC174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com