Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2483 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 12Page - RF Micro Devices RF2483 Datasheet HTML 13Page - RF Micro Devices RF2483 Datasheet HTML 14Page - RF Micro Devices RF2483 Datasheet HTML 15Page - RF Micro Devices RF2483 Datasheet HTML 16Page - RF Micro Devices RF2483 Datasheet HTML 17Page - RF Micro Devices RF2483 Datasheet HTML 18Page - RF Micro Devices RF2483 Datasheet HTML 19Page - RF Micro Devices RF2483 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Preliminary
5-44
RF2483
Rev A2 010904
5
High Band Carrier Suppression versus Gain Control
LO=1900MHz 0dBm, IQ=100kHz 800mVP-P 1.2VDC
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Temp = -40°C,
Vcc=2.7V
Temp = +25°C,
Vcc=2.7V
Temp = +85°C,
Vcc=2.7V
High Band Sideband Suppression versus Gain Control -
VCC=2.7V, LO=0dBm, IQ=100kHz 800mVP-P 1.2VDC
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V
High Band Modulation's 3rd Harmonic versus Gain
Control - LO=1900MHz 0dBm, IQ=100kHz 800mVp-p 1.2VDC
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V
High Band Sideband Suppression versus Gain Control -
LO=1900MHz 0dBm, IQ=100kHz 800mVP-P 1.2VDC
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Temp = -40°C,
Vcc=2.7V
Temp = +25°C,
Vcc=2.7V
Temp = +85°C,
Vcc=2.7V
High Band Carrier Suppression versus Gain Control
VCC=2.7V, LO=0dBm, IQ=100kHz 800mVP-P 1.2VDC
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V
High Band Output IP3 versus Gain Control
LO=1900MHz 0dBm, IQ=900kHz and 1100kHz at 1.2VDC
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com