Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2483 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 3Page - RF Micro Devices RF2483 Datasheet HTML 4Page - RF Micro Devices RF2483 Datasheet HTML 5Page - RF Micro Devices RF2483 Datasheet HTML 6Page - RF Micro Devices RF2483 Datasheet HTML 7Page - RF Micro Devices RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices RF2483 Datasheet HTML 10Page - RF Micro Devices RF2483 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Preliminary
5-35
RF2483
Rev A2 010904
5
Pin
Function
Description
Interface Schematic
7LOLB
Local oscillator input low band.
This input is biased internally at around 1.6V when the chip is in low
band mode and 0V when the chip is in high band mode or powered
down. The LO signal typically needs to be AC coupled.
The noise performance, carrier suppression at low output powers and
sideband suppression are all a function of LO power.
The optimum LO power is between 0dBm and 3dBm.
The device will work with LO powers as low as -20dBm however this is
at the expense of higher noise performance at high output powers and
poorer sideband suppression.
8GND LO
Ground return for the local oscillator input signals.
The GND LO pin is effectively the complementary LO input for both the
high band and low band LO signals. It has significant amounts of LO
signal flowing through it. This pin is brought out as an independent
ground to enable the PCB board designer to isolate the LO return from
the RF outputs ground and the general chip ground.
It is recommended that this ground is kept isolated from the die flag
ground. Any connections between the GND LO and any other ground
should be made through a ground plane.
Seepins7and9.
9LOHB
Local oscillator input high band.
This input is biased internally at around 1.6V when the chip is in high
band mode and 0V when the chip is in low band mode or powered
down. The LO HB signal typically needs to be AC coupled.
The noise performance, carrier suppression at low output powers and
sideband suppression are all a function of LO power.
The optimum LO power is between 0dBm and 3dBm.
The device will work with LO powers as low as - 20dBm however this is
at the expense of higher noise performance at high output powers and
poorer sideband suppression.
10
GND1
Ground for LO buffers.
See pin 6.
11
BAND SEL
Band select input to define active mode.
CMOS input.
Logic 1 (1.4V to VCC) = High band mode.
Logic 2 (0V to 0.5V)=Low band mode.
12
QSIG N
Quadrature channel negative baseband input port. See QSIGP.
LOLB
GNDLO
LOHB
GND LO
V
CC2
V
CC2
12 pF
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com