Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2483 Datasheet(PDF) 20 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 20 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 12Page - RF Micro Devices RF2483 Datasheet HTML 13Page - RF Micro Devices RF2483 Datasheet HTML 14Page - RF Micro Devices RF2483 Datasheet HTML 15Page - RF Micro Devices RF2483 Datasheet HTML 16Page - RF Micro Devices RF2483 Datasheet HTML 17Page - RF Micro Devices RF2483 Datasheet HTML 18Page - RF Micro Devices RF2483 Datasheet HTML 19Page - RF Micro Devices RF2483 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Preliminary
5-48
RF2483
Rev A2 010904
5
High Band Current Consumption versus Gain Control
LO=1900MHz 0dBm, IQ=100kHz 800mVP-P 1.2VDC
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Temp = -40°C,
Vcc=2.7V
Temp = +25°C,
Vcc=2.7V
Temp = +85°C,
Vcc=2.7V
High Band Current Consumption versus Gain Control
LO=1900MHz 0dBm, IQ=100kHz 800mVP-P 1.2VDC
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V
Low Band Current Consumption versus Gain Control
LO=900MHz 0dBm, IQ=100kHz 800mVP-P 1.2VDC
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
0.00.5
1.01.5
2.02.5
Gain Control (V)
Temp = -40°C,
Vcc=2.7V
Temp = +25°C,
Vcc=2.7V
Temp = +85°C,
Vcc=2.7V
Low Band Current Consumption versus Gain Control
LO=900MHz 0dBm, IQ=100kHz 800mVP-P 1.2VDC
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V
High Band
Return Loss versus Frequency
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
1700.0
1750.0
1800.0
1850.0
1900.0
1950.0
2000.0
Frequency (MHz)
LO HB Port
RFOUT HB Port
Low Band
Return Loss versus Frequency
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
700.0
750.0
800.0
850.0
900.0
950.0
1000.0
Frequency (MHz)
LO LB Port
RFOUT LB Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com