Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2483 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2483 Datasheet HTML 1Page - RF Micro Devices RF2483 Datasheet HTML 2Page - RF Micro Devices RF2483 Datasheet HTML 3Page - RF Micro Devices RF2483 Datasheet HTML 4Page - RF Micro Devices RF2483 Datasheet HTML 5Page - RF Micro Devices RF2483 Datasheet HTML 6Page - RF Micro Devices RF2483 Datasheet HTML 7Page - RF Micro Devices RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Preliminary
5-30
RF2483
Rev A2 010904
5
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 3.6
V
Storage Temperature
-40 to +150
°C
Operating Ambient Temperature
-40 to +85
°C
Input Voltage, any pin
-0.5 to 3.6
V
Input Power, any pin
+10
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Range
Supply Voltage*
2.7
3.3
V
Temperature Range*
-40
+85
°C
High Band Frequency Range*
1700
2200
MHz
Bandsel = 2.7V
Low Band Frequency Range*
700
1000
MHz
Bandsel = 0V
DC Parameters
High Band Supply Current
65
85
110
mA
GC =2.0V, VCC =2.7V, EN =2.7V,
Bandsel = 2.7V, IQ = 1.2VDC,TA =25
oC
Low Band Supply Current
65
85
110
mA
GC =2.0V, VCC =2.7V, EN =2.7V,
Bandsel = 0V, IQ = 1.2VDC,TA =25
oC
Sleep Current
< 1.0
10
µAEN=0V
Logic Levels
Input Logic Low
0
0.5
V
Input Logic High
1.4
VCC
V
Logic Pins Input Current*
<1.0
µA
LO Input Port
High Band Frequency Range*
1700
2200
MHz
Bandsel= 2.7V
Low Band Frequency Range*
700
1000
MHz
Bandsel= 0V
High Band LO Input Power*
-3
0
6
dBm
Bandsel= 2.7V
LO Band LO Input Power*
-3
0
6
dBm
Bandsel= 0V
Input Impedance*
50
Ω
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com