Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2483 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2483 Datasheet HTML 1Page - RF Micro Devices RF2483 Datasheet HTML 2Page - RF Micro Devices RF2483 Datasheet HTML 3Page - RF Micro Devices RF2483 Datasheet HTML 4Page - RF Micro Devices RF2483 Datasheet HTML 5Page - RF Micro Devices RF2483 Datasheet HTML 6Page - RF Micro Devices RF2483 Datasheet HTML 7Page - RF Micro Devices RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ü
5-29
5
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
*
*
*
*
* Represents "GND".
3
ISIG P
2
VCC2
1
VCC3
4
ISIG N
5
EN
6
7
8
9
10
11 BAND SEL
12 QSIG N
13 QSIG P
14 VREF
15 GC DEC
16
17
18
19
20
Σ
Mode
Control
&
Biasing
Power
Control
+45°
-45°
+45°
-45°
RF2483
LOW NOISE DUAL-BAND QUADRATURE
MODULATOR WITH AGC
• TDMA/GSM/EDGE Handsets
• GSM/EDGE Handsets
• W-CDMA Handsets
• TDMA-Based Wireless Applications
• Wireless Local Loop
• Basestations
The RF2483 is a dual-band direct I/Q to RF modulator
designed for handset applications where multiple modes
of operation are required. The device provides common
differential I/Q inputs and a common AGC amplifier. Inde-
pendent single-ended LO inputs and single-ended high
and low band RF outputs are provided. The device
achieves a very low out-of-band noise density of
-156dBm/Hz minimizing RF filtering. Operating from a
single 2.7V supply, the device is packaged in a
4 mmx4mm, 20-pin, plastic leadless chip carrier.
• Dual-Band Operation 700-2200MHz
• -156dBm/Hz noise@20MHz offset
•+19dBm OIP3
•+6dBm OP1dB
• 35dB Gain Control Range
• Single 2.7V to 3.3V Supply
RF2483
Low Noise Dual-Band Quadrature Modulator with
AGC
RF2483 PCBA
Fully Assembled Evaluation Board
5
Rev A2 010904
1.85
1.55 sq.
.60
.24 typ
.30
.18
3
.75
.50
.50
.23
.13
4 PLCS
.05
.01
12°
max
1.00
0.85
.80
.65
4.00
sq.
NOTES:
Shaded Pin is Lead 1.
1
Package Warpage: 0.05 mm max.
4
Die Thickness Allowable: 0.305 mm max.
5
Pin 1 identifier must exist on top surface of package by identification
mark or feature on the package body. Exact shape and size is optional.
2
Dimension applies to plated terminal: to be measured between 0.02
mm and 0.25 mm from terminal end.
3
.65
.30
4 PLCS
Package Style: LCC, 20-Pin, 4x4


Similar Part No. - RF2483

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483 Datasheet
753Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483 Datasheet
3Mb / 34P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483PCBA RFMD-RF2483PCBA Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483PCBA-41X RFMD-RF2483PCBA-41X Datasheet
753Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
More results

Similar Description - RF2483

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
RF Micro Devices
RF2705 RFMD-RF2705 Datasheet
379Kb / 24P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
logo
Intersil Corporation
HFA3767 INTERSIL-HFA3767 Datasheet
150Kb / 6P
130MHz CDMA/AMPS Quadrature Modulator and AGC
February 1998
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
logo
RF Micro Devices
RF2483 RFMD-RF2483_06 Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2705G RFMD-RF2705G Datasheet
349Kb / 24P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3854 RFMD-RF3854 Datasheet
525Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2483 RFMD-RF2483_1 Datasheet
753Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_11 Datasheet
3Mb / 34P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com