Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2483 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2483 Datasheet HTML 1Page - RF Micro Devices RF2483 Datasheet HTML 2Page - RF Micro Devices RF2483 Datasheet HTML 3Page - RF Micro Devices RF2483 Datasheet HTML 4Page - RF Micro Devices RF2483 Datasheet HTML 5Page - RF Micro Devices RF2483 Datasheet HTML 6Page - RF Micro Devices RF2483 Datasheet HTML 7Page - RF Micro Devices RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary
5-31
RF2483
Rev A2 010904
5
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
I/Q Modulator High Band
VCC=2.7V, EN=2.7V, Bandsel=2.7V,
FLO= 0dBm, PLO= 1900MHz, LO HB and
RF OUT HB ports are matched to 50
Ω.
IQ= 800mVP-P at 100kHz 1.2VDC. Input IQ
signals driven differentially and in quadrature
from a 50
Ω source impedance. T
A =25
oC
Baseband Input Voltage*
1.15
1.2
1.25
V
Common mode voltage
Baseband Input Level
0.8
VPP
Measured differentially
Baseband Input Impedance*
5.5
k
Ω
Measured at 100kHz
Input Bandwidth*
50
150
MHz
I/Q source impedance 50
Ω
Sideband Suppression
30
43
dBc
GC= 2.0V, no I/Q adjustment
30
43
dBc
GC= 1.5V, no I/Q adjustment
30
46
dBc
GC= 1.0V, no I/Q adjustment
30
47
dBc
GC= 0.5V, no I/Q adjustment
Carrier Suppression
30
48
dBc
GC= 2.0V, no I/Q adjustment
30
44
dBc
GC= 1.5V, no I/Q adjustment
25
40
dBc
GC= 1.0V, no I/Q adjustment
25
35
dBc
GC= 0.5V, no I/Q adjustment
3rd Harmonic of Modulation
Suppression at FLO-3x100kHz
40
47
dBc
GC= 2.0V
40
47
dBc
GC= 1.5V
35
42
dBc
GC= 1.0V
35
42
dBc
GC= 0.5V
Baseband Inputs DC Current
Drain*
100
µA
Baseband Inputs AC Current
Drain*
100
µA
PP
I/Q Modulator Low Band
VCC=2.7V, EN=2.7V, Bandsel=0V,
FLO= 0dBm, PLO= 900MHz, LO LB and RF
OUT LB ports are matched to 50
Ω.
IQ= 800mVP-P at 100kHz 1.2VDC. Input IQ
signals driven differentially and in quadrature
from a 50
Ω source impedance. T
A =25
oC
Baseband Input Voltage*
1.15
1.2
1.25
V
Common mode voltage
Baseband Input Level
0.8
VPP
Measured differentially
Baseband Input Impedance*
5.5
k
Ω
Measured at 100kHz
Input Bandwidth*
50
150
MHz
I/Q source impedance 50
Ω
Sideband Suppression
30
37
dBc
GC= 2.0V, no I/Q adjustment
30
37
dBc
GC= 1.5V, no I/Q adjustment
30
44
dBc
GC= 1.0V, no I/Q adjustment
30
40
dBc
GC= 0.5V, no I/Q adjustment
Carrier Suppression
30
52
dBc
GC= 2.0V, no I/Q adjustment
30
50
dBc
GC= 1.5V, no I/Q adjustment
25
33
dBc
GC= 1.0V, no I/Q adjustment
15
22
dBc
GC= 0.5V, no I/Q adjustment
3rd Harmonic of Modulation
Suppression at FLO-3x100kHz
40
59
dBc
GC= 2.0V
40
59
dBc
GC= 1.5V
35
48
dBc
GC= 1.0V
35
41
dBc
GC= 0.5V
Baseband Inputs DC Current
Drain*
100
µA
Baseband Inputs AC Current
Drain*
100
µA
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com