Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7746FS Datasheet(PDF) 2 Page - Rohm

Part # BA7746FS
Description  VCR Hi-Fi audio signal REC / PB amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7746FS Datasheet(HTML) 2 Page - Rohm

  BA7746FS Datasheet HTML 1Page - Rohm BA7746FS Datasheet HTML 2Page - Rohm BA7746FS Datasheet HTML 3Page - Rohm BA7746FS Datasheet HTML 4Page - Rohm BA7746FS Datasheet HTML 5Page - Rohm BA7746FS Datasheet HTML 6Page - Rohm BA7746FS Datasheet HTML 7Page - Rohm BA7746FS Datasheet HTML 8Page - Rohm BA7746FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Video ICs
BA7746S / BA7746FS
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCCS
4.5
5.0
5.5
V
Operating voltage
•Block diagram
23
24
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
8
7
10
11
12
AGC
REC AGC FILTER
REC CURRENT SENSE
REC OUT
MAIN GND
PRE AC – FB ch1
PRE IN ch1
PRE GND
PRE IN ch2
PRE AC – FB ch2
N.C.
REC + B ch2
REC + B ch1
REC / PB CTRL
REC NF
REC MIX IN
OVER REC CTRL
REC MUTE CTRL
VCC
VCA CTRL
(PRE MUTE)
PRE OUT
HSWP IN
EP / SP CTRL
REC TC
VCC REC + B
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com