Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7746FS Datasheet(PDF) 1 Page - Rohm

Part # BA7746FS
Description  VCR Hi-Fi audio signal REC / PB amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7746FS Datasheet(HTML) 1 Page - Rohm

  BA7746FS Datasheet HTML 1Page - Rohm BA7746FS Datasheet HTML 2Page - Rohm BA7746FS Datasheet HTML 3Page - Rohm BA7746FS Datasheet HTML 4Page - Rohm BA7746FS Datasheet HTML 5Page - Rohm BA7746FS Datasheet HTML 6Page - Rohm BA7746FS Datasheet HTML 7Page - Rohm BA7746FS Datasheet HTML 8Page - Rohm BA7746FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Video ICs
VCR Hi-Fi audio signal REC / PB
amplifier
BA7746S / BA7746FS
The BA7746S and BA7746FS contains the recording and playback amplifiers required for Hi-Fi VCR signal process-
ing. The recording system uses a constant-current amplifier with AGC to eliminate the need to adjust the recording
current, and ensure stable operation as the head wears. The IC also features REC MUTE and OVER REC functions.
The playback system has a high-gain preamplifier, a low- offset head switch, VCA, and an EP-gain amplifier.
In addition, all functions operate off a single 5V supply, and a H / L control system eliminates the need for special
power supplies for the recording and playback systems. The IC has low power consumpution, and comes in a com-
pact 32-pin SSOP-A package that requires little area on the PCB. It will improve the reliability and performance of
your designs while reducing external component requirements.
•Applications
VCRs
•Features
1) The low-noise playback amplifier has a total gain of
79dB (Typ.). Designed for VHS-band operation with
low external parts count. It has two built-in circuits
for Hi-Fi VCR operation.
2) The circuit has been designed to suppress head-
switching noise.
3) Built-in EP / SP gain switching function that boosts
the playback gain by 5dB.
4) Built-in VCA for easy playback output adjustment.
5) High-output recording amplifier for audio FM record-
ing.
6) Constant-current drive povides stable recording
characteristics when the load (head impedance) is
fluctuating.
7) Built-in recording level AGC eliminates the need to
adjust recording current.
8) Built-in low-pass filter limits the input bandwidth of
the recording amplifier.
9) Built-in OVER REC recording current amplifier
function and REC MUTE function that stops record-
ing output.
10) Low power consumption. Operates off a single 5V
power supply.
11) Record / playback switching can be done directly
via the system controller, and consumes littele
power.
12) Possible to construct a high-performance audio
system by pairing this chip with a Hi-Fi-audio signal
processing IC.
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
7.0
V
BA7746S
BA7746FS
Pd
1050∗1
mW
800∗2
mW
Topr
– 10 ~ + 70
°C
Tstg
– 55 ~ + 125
°C
∗1 When mounted on a 90mm × 50mm × 1.6mm glass epoxy board, reduced by 10.5mW for each increase in Ta of 1°C over 25°C.
∗2 When mounted on a 90mm × 50mm × 1.6mm glass epoxy board, reduced by 8mW for each increase in Ta of 1°C over 25°C.
Power supply voltage
Power
dissipation
Operating temperature
Storage temperature


Similar Part No. - BA7746FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7745 ROHM-BA7745 Datasheet
96Kb / 8P
VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
More results

Similar Description - BA7746FS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3316K PANASONIC-AN3316K Datasheet
26Kb / 2P
Recording/Playback Amplifier IC for VCR Hi-Fi Audio
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Rohm
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
BA7757BK ROHM-BA7757BK Datasheet
82Kb / 5P
Switchless REC / PB amplifier for standard audio signal processing
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
REC/PB Amplifier for VCR
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
4-channel REC/PB Amplifier for 8 mm VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
2-channel REC/PB Amplifier for 8mm VCR
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
14W Hi-Fi AUDIO AMPLIFIER
Jun-1998
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com