Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7746FS Datasheet(PDF) 9 Page - Rohm

Part # BA7746FS
Description  VCR Hi-Fi audio signal REC / PB amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7746FS Datasheet(HTML) 9 Page - Rohm

Back Button BA7746FS Datasheet HTML 4Page - Rohm BA7746FS Datasheet HTML 5Page - Rohm BA7746FS Datasheet HTML 6Page - Rohm BA7746FS Datasheet HTML 7Page - Rohm BA7746FS Datasheet HTML 8Page - Rohm BA7746FS Datasheet HTML 9Page - Rohm BA7746FS Datasheet HTML 10Page - Rohm BA7746FS Datasheet HTML 11Page - Rohm BA7746FS Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Video ICs
BA7746S / BA7746FS
•Control mode tables
(1) REC / PB control
Switch between REC and PB using pin 12.
REC / PB
H
REC
ON
OFF
ON
OFF
L
PB
OFF
ON
OFF
ON
REC + B SW
REC AMP
PRE AMP
HEAD SW (P)
Mode
Control pin
Function
(2) OVER REC control
Control for OVER REC (current emphasis) is done using pin 9.
When in OVER REC mode, the gain setting is recording
amplifier AGC level + 1.9dB.
H
L—
60.0mAP-P
48.2mAP-P
OVER REC
OVER REC
Mode
Function
REC AGC Level
Control pin
(3) REC MUTE control
Control for REC MUTE when recording is done using pin 8.
REC MUTE
REC AMP
H
REC MUTE
OFF
L—
ON
Mode
Control pin
Function
(4) EP / SP control
EP / SP control during playback is done using pin 4. When
EP is selected, the gain of the playback amplifier is increased
by 5dB over its normal setting.
EP / SP
H
EP
Typ. + 5dB
L
SP
Typ.
Mode
Function
PRE AMP gain
Control pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com