Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7746FS Datasheet(PDF) 3 Page - Rohm

Part # BA7746FS
Description  VCR Hi-Fi audio signal REC / PB amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7746FS Datasheet(HTML) 3 Page - Rohm

  BA7746FS Datasheet HTML 1Page - Rohm BA7746FS Datasheet HTML 2Page - Rohm BA7746FS Datasheet HTML 3Page - Rohm BA7746FS Datasheet HTML 4Page - Rohm BA7746FS Datasheet HTML 5Page - Rohm BA7746FS Datasheet HTML 6Page - Rohm BA7746FS Datasheet HTML 7Page - Rohm BA7746FS Datasheet HTML 8Page - Rohm BA7746FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Video ICs
BA7746S / BA7746FS
•Pin descriptions
1
2
REC: 0.9V
PB: 0V
3—
4—
5
REC: 3.6V
PB: 1.9V
6
REC: 2.0V
PB: 2.0V
VCC
—
(RL: 1.8k
Ω)
Pin No.
Circuit diagram
Pin name, function and remarks
Voltage
〈VCC REC + B〉
•
Power supply for REC + B.
•
Connect to VCC (pin 7).
〈REC TC〉
•
REC + B time constant.
•
Use to adjust the REC + B rise time using the C
value. The value of the built-in resistor is 20k
Ω.
•
The effect of current spikes when recording is
started is reduced
〈HSWP IN〉
•
Pulse input for head switching.
•
ch1: H, ch2: L
〈EP / SP CTRL〉
•
EP / SP mode control.
•
In EP mode, the playback amplifier gain is set to
+ 5dB (Typ.).
•
EP: H, SP: L
•
Do not leave open circuit
〈PRE OUT〉
•
Playback amplifier output.
•
Open emitter output.
•
When there is a chance of oscillation due to
capacitive load, reduce the output current, or
connect a resistor in series (approx. 390
Ω).
•
Avoid capacitive coupling with the playback input
〈VCA CTRL (PRE MUTE)〉
•
VCA control.
•
When the terminal is open (a C is required), the
playback amplifier gain is set to the Typ. value.
•
The PRE MUTE function is made possible by
connection of a mute H signal to this
through a diode
20k
REC
24k
EP
SP
40k
MUTE H
580
30k
20k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com