Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7746FS Datasheet(PDF) 7 Page - Rohm

Part # BA7746FS
Description  VCR Hi-Fi audio signal REC / PB amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7746FS Datasheet(HTML) 7 Page - Rohm

Back Button BA7746FS Datasheet HTML 3Page - Rohm BA7746FS Datasheet HTML 4Page - Rohm BA7746FS Datasheet HTML 5Page - Rohm BA7746FS Datasheet HTML 6Page - Rohm BA7746FS Datasheet HTML 7Page - Rohm BA7746FS Datasheet HTML 8Page - Rohm BA7746FS Datasheet HTML 9Page - Rohm BA7746FS Datasheet HTML 10Page - Rohm BA7746FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Video ICs
BA7746S / BA7746FS
•Electrical characteristics
Recording mode (pin 12
→ "H") (unless otherwise noted, Ta = 25°C, VCC = 5.0V, and f = 1.7MHz)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Iq (REC)
—66
90
mA
IOAR
44.2
48.2
52.2
mAP-P
∆IOAR
10
13
—
dB
CMD04
—
– 50
– 40
dB
CMD09
—
– 55
– 40
dB
V9L
0.0
—
2.2
V
V9H
3.5
—
VCC
V
IOR.OV
dB
V8L
0.0
—
2.2
V
V8H
3.5
—
VCC
V
IOR.MU
—
– 50
– 40
dB
10pin 93.0dB
µIN, 14pin OUT
∆AGC < 0.8dB, 14pin OUT
14pin OUT (0.4MHz - 1.3MHz)
14pin OUT (0.9MHz - 1.3MHz)
10pin 93.0dB
µIN, 8pin: “H”
10pin 93.0dB
µIN, 9pin: “H”
2.4
10pin MIXIN∗,
10pin MIXIN∗,
1.9
1.4
9pin DC, When NORMAL REC
9pin DC, When OVER REC
8pin DC, When MUTE OFF
8pin DC, When MUTE ON
∗ f = 1.3MHz (87.0dBµ) + 1.7MHz (95.0dBµ) (MIX)
No signal, pin 1 + pin 7, inflow current
Quiescent current
Output current AGC level
Output current AGC level
Cross modulation distortion
0.4MHz component
Cross modulation distortion
0.9MHz component
OVER REC holding voltage
OVER REC holding voltage
Current emphasis OVER
REC MUTE holding voltage
REC MUTE holding voltage
Mute attenuation
Playback mode (pin 12
→ "L") (unless otherwise noted, Ta = 25°C, VCC = 5.0V, and f = 1.5MHz)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
—19
31
mA
GVP1
75
79
83
dB
GVP2
75
79
83
dB
– 2.0
0
dB
CT1
→2
—
– 45
– 35
dB
CT2
→1
—
– 45
– 35
dB
fP1
0
– 2.4
– 5
dB
fP2
0
– 2.4
– 5
dB
–
∆GVCA
—
– 50
– 35
dB
—dB
VOMP
2.0
2.6
—
VP-P
VNP1
—
0.4
1.0
µVrms
VNP2
—
0.4
1.0
µVrms
∆GVP
+
∆GVCA
18pin, 20pin, 20.5dB
µ,
18pin 31.0dB
µ, 20pin 0 IN,
18pin 0, 20pin 31.0dB
µIN,
f = 2.2MHz / 1.0MHz,
∆5pin OUT
f = 2.2MHz / 1.0MHz,
∆5pin OUT
6pin 3.2V,
∆5pin OUT
6pin 0.8V,
∆5pin OUT
Pin 18 and 20 IN, pin 5 OUT 3rd-harmonic
distortion, when-30dB.
Input conversion for pin 18: 0.01
µ F +
10
Ω at GND Pin 3: “H”, pin 5 OUT.
Input conversion for pin 20: 0.01
µF +
10
Ω at GND Pin 3: “L”, pin 5 OUT.
Iq 〈PB〉
3pin: “H”
3pin: “L”
3pin: “H”
→ “L”, ∆5pin OUT
18pin, 20.5dB
µIN, 5pin OUT,
20pin, 20.5dB
µIN, 5pin OUT,
∆5pin OUT
3pin: “L”
→ “H”, ∆5pin OUT
18pin 20.5dB
µIN, 3pin: “H”
20pin 20.5dB
µ IN, 3pin: “L”
2.0
46
Supply current
Voltage gain CH1
Voltage gain CH2
Voltage gain differential
CH1 to CH2 crosstalk
CH2 to CH1 crosstalk
CH1 frequency characteristic
CH2 frequency characteristic
Gain adjustment headroom
Gain adjustment headroom
Maximum output voltage
CH1 input conversion noise
CH2 input conversion noise
Inflow current to pin 7 when no signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com