Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7746FS Datasheet(PDF) 4 Page - Rohm

Part # BA7746FS
Description  VCR Hi-Fi audio signal REC / PB amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7746FS Datasheet(HTML) 4 Page - Rohm

  BA7746FS Datasheet HTML 1Page - Rohm BA7746FS Datasheet HTML 2Page - Rohm BA7746FS Datasheet HTML 3Page - Rohm BA7746FS Datasheet HTML 4Page - Rohm BA7746FS Datasheet HTML 5Page - Rohm BA7746FS Datasheet HTML 6Page - Rohm BA7746FS Datasheet HTML 7Page - Rohm BA7746FS Datasheet HTML 8Page - Rohm BA7746FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Video ICs
BA7746S / BA7746FS
7VCC
—
8—
9—
10
REC: 2.9V
PB: 2.9V
11
REC: 1.4V
PB: 0.5V
12
—
Pin No.
Pin name, function and remarks
Voltage
Circuit diagram
〈VCC〉
•
Power supply for anything other than REC + B.
〈REC MUTE CTRL〉
•
REC MUTE control.
•
In REC MUTE mode, the recording amplifier
output is stopped.
•
REC: L, REC MUTE: H.
•
Do not leave open circuit.
〈OVER REC CTRL〉
•
OVER REC control.
•
In OVER REC mode, the recording current is set
to + 2dB (Typ.).
•
Do not leave open circuit.
〈REC MIX IN〉
•
Recording amplifier input.
〈REC NF〉
•
Recording amplifier feedback.
•
Connect the GND of a decoupling capacitor to
main GND (pin 16) to improve common-mode
distortion.
〈REC / PB CTRL〉
•
REC / PB control pin.
•
Use of an RC circuit time constant to slow the rise
of the control signal reduces noise spikes during
switching.
•
Do not leave open circuit.
MUTE
REC
30k
OVER NORMAL
30k
10k
10k
10.2k
240
1.04k
30k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com