Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9110A Datasheet(PDF) 13 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 13 Page - Sames

Back Button SA9110A Datasheet HTML 9Page - Sames SA9110A Datasheet HTML 10Page - Sames SA9110A Datasheet HTML 11Page - Sames SA9110A Datasheet HTML 12Page - Sames SA9110A Datasheet HTML 13Page - Sames SA9110A Datasheet HTML 14Page - Sames SA9110A Datasheet HTML 15Page - Sames SA9110A Datasheet HTML 16Page - Sames SA9110A Datasheet HTML 17Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SA9110A
sames
13/18
8.
Electrostatic Discharge (ESD) Protection
The SA9110A integrated circuits inputs/outputs are protected against ESD.
9.
Power Consumption
The power consumption rating of the SA9110A integrated circuit is less than 40mW
with a 5V supply.
6.
Optical Interface
The SA9110A device contains an interface for automatic meter reading, according
to the IEC1107 Mode D standard. The IEC1107 Mode D is a single baud rate of
2400. For the optical interface protocol, the 4-bit words are converted to 8-bit words
(ASCII-format).
After initiation of a serial transmission by pulling PB (pin 66) low, the data format
transmitted on SDO, is given below:
Code
Description
/
Start transmission
XXX
ID
3
Baud rate identification
YYYYYYYY
ID
<cr><lf><cr><lf>
Data header
0(nnnnnnnn)
Data of Reg. 1 (sign, 10e5, 10e4 ...10e0, 10e-1)
1(nnnnnnnn)
Data of Reg. 2
2(nnnnnnnn)
Data of Reg. 3
3(nnnnnnnn)
Data of Reg. 4
4(nnnnnnnn)
Data of Reg. 'Total' = Sum of registers 1 to 4
!<cr><lf><cr><lf>
End transmission
7.
Power Failure/Battery Backup
A battery backup facility is available on VBA. This feature is provided to ensure
retention of the information stored in the registers, in case of power breaks.
The VSS supply to the analog circuitry and digital circuitry has been separated. In
the event of a power failure, the supply to the analog circuitry falls to 0V. The digital
circuitry is switched to a power down mode, to minimise the supply current from an
external battery backup. During this procedure, the following events take place:
• All inputs are disabled
• All outputs are placed in high impedance mode
• The oscillator is inhibited
• The LCD driver is disabled
• The contents of the RAM is retained by means of an external power source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com