Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9110A Datasheet(PDF) 4 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 4 Page - Sames

  SA9110A Datasheet HTML 1Page - Sames SA9110A Datasheet HTML 2Page - Sames SA9110A Datasheet HTML 3Page - Sames SA9110A Datasheet HTML 4Page - Sames SA9110A Datasheet HTML 5Page - Sames SA9110A Datasheet HTML 6Page - Sames SA9110A Datasheet HTML 7Page - Sames SA9110A Datasheet HTML 8Page - Sames SA9110A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SA9110A
4/18
sames
Pin
Designation
Type
Description
12
GND
Supply
Ground
1V
DD
Supply
Positive Supply Voltage
25
V
DD
Supply
2V
SS
Supply
Negative Supply Voltage
37
V
SS
Supply
38
VBA
Supply
Battery back-up. Negative Supply Voltage
8
IVP1
Analog in
Input for voltage sense : Phase 1
7
IVP2
Analog in
Input for voltage sense : Phase 2
6
IVP3
Analog in
Input for voltage sense : Phase 3
27
IIN1
Analog in
Inputs for current sensor : Phase 1
28
IIP1
Analog in
29
IIN2
Analog in
Inputs for current sensor : Phase 2
30
IIP2
Analog in
31
IIN3
Analog in
Inputs for current sensor : Phase 3
32
IIP3
Analog in
60
OSC1
Input
Connections for crystal or ceramic resonator
59
OSC2
Output
(OSC1 = Input; OSC2 = Output)
39
R[0]
Output
Liquid crystal display (LCD) backplane drivers
40
R[1]
Output
41
R[2]
Output
42
R[3]
Output
45
S[0]
Output
Liquid crystal display (LCD) segment drivers
46
S[1]
Output
47
S[2]
Output
48
S[3]
Output
49
S[4]
Output
50
S[5]
Output
51
S[6]
Output
52
S[7]
Output
53
S[8]
Output
54
S[9]
Output
55
S[10]
Output
56
S[11]
Output
57
S[12]
Output
58
S[13]
Output
43
COFF
Output
Connection for all unused LCD segments, to ensure
off status
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com