Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9110A Datasheet(PDF) 3 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 3 Page - Sames

  SA9110A Datasheet HTML 1Page - Sames SA9110A Datasheet HTML 2Page - Sames SA9110A Datasheet HTML 3Page - Sames SA9110A Datasheet HTML 4Page - Sames SA9110A Datasheet HTML 5Page - Sames SA9110A Datasheet HTML 6Page - Sames SA9110A Datasheet HTML 7Page - Sames SA9110A Datasheet HTML 8Page - Sames SA9110A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SA9110A
sames
3/18
ELECTRICAL CHARACTERISTICS
(Over the temperature range -10°C to +70°C#, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Supply Voltage
V
DD-VSS
4.5
5.5
V
Supply Current
I
DD
15
mA
Nonlinearity of
power calculation
-0.3
+0.3
%
1% - 100% of
rated power
Current Sensor Inputs (Differential)
Input Current Range
I
II
-25
+25
µA
Peak value
Voltage Sensor Inputs (Asymmetric)
Input current Range
I
IV
-25
+25
µA
Peak value
LCD backplane Voltage
V
B
V
DD &
V
SS
V
R[0] .. R[3]
LCD segment Voltage
V
S
1/3 V
DD
2/3V
DD
V
S[0] .. S[15]
Pin SDO
Pulse rate
f
P
3.5
Hz
Default1
80
Hz
Programmed1
Output Voltage Low
V
OL
V
SS+1
V
I
OL = 5mA
Output Voltage High
V
OH
V
DD-1
V
I
OH = -2mA
Oscillator
Recommended crystal:
TV colour burst crystal f = 3.5795 MHz
Pin VREF
With R
7
= 24k
Ω
Ref. Current
-I
R
45
50
55
µA
connected to V
SS
Ref. Voltage
V
R
1.1
1.3
V
Referred to V
SS
Pins PB, SR[0], SR[1],
PGM
Input Voltage High
V
IH
4V
Input Voltage Low
V
IL
1V
Pullup Current
30
µA
V
IN = VSS
Pin PCLK
Input Voltage High
V
IH
4V
Input Voltage Low
V
IL
1V
Input Current High/
±30
µA
V
IN=VSS..VDD
Low
Pin V
BA
I
MAX
50
nA
Power down
V
MIN
1.1
V
mode
# Extended Operating Temperature Range available on request
Note 1: At rated conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com