Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9110A Datasheet(PDF) 2 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 2 Page - Sames

  SA9110A Datasheet HTML 1Page - Sames SA9110A Datasheet HTML 2Page - Sames SA9110A Datasheet HTML 3Page - Sames SA9110A Datasheet HTML 4Page - Sames SA9110A Datasheet HTML 5Page - Sames SA9110A Datasheet HTML 6Page - Sames SA9110A Datasheet HTML 7Page - Sames SA9110A Datasheet HTML 8Page - Sames SA9110A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SA9110A
2/18
sames
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
V
DD -VSS
-0.3
6.0
V
Current on any pin
I
PIN
-150
+150
mA
Storage Temperature
T
STG
-40
+125
°C
Operating Temperature
T
O
-10
+70
°C
* Stresses above those listed under “Absolute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress rating only. Functional operation of the
device at these or any other condition above those indicated in the operational sections
of this specification, is not implied. Exposure to Absolute Maximum Ratings for
extended periods may affect device reliability.
SERIAL
OUT
INTERFACE
TIMING & CONTROL
INTEGRAT.
&
PULSE
RATE
GENERATION
TARIFF
REGISTERS
PDTA
SDO
IIP2
DR-00953
VREF
IIP2
IIP3
IIN2
GND
PGM
REF
PB
IVP3
IIP1
IIN1
IVP1
IVP2
16 CONNECTIONS
FOR LOOPCAPS
ANALOG
SIGNAL
PRO-
CESSING
S[10]
SR[1]
SR[0]
PCLK
OSC
OSC2
OSC1
COFF
S[11]
S[12]
S[13]
DD
V
VBA
R[0]
LCD
CONTROL
R[3]
R[2]
R[1]
V
S[3]
S[4]
S[5]
S[6]
S[7]
S[8]
S[9]
S[0]
S[1]
S[2]
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com