Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9110A Datasheet(PDF) 5 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 5 Page - Sames

  SA9110A Datasheet HTML 1Page - Sames SA9110A Datasheet HTML 2Page - Sames SA9110A Datasheet HTML 3Page - Sames SA9110A Datasheet HTML 4Page - Sames SA9110A Datasheet HTML 5Page - Sames SA9110A Datasheet HTML 6Page - Sames SA9110A Datasheet HTML 7Page - Sames SA9110A Datasheet HTML 8Page - Sames SA9110A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SA9110A
sames
5/18
PIN DESCRIPTION (continued)
Pin
Designation
Type
Description
16
CON1
Analog
Connections for outer loop capacitors of A/D
17
COP1
Analog
converters
15
CON2
Analog
14
COP2
Analog
4
CON3
Analog
5
COP3
Analog
34
CONP
Analog
33
COPP
Analog
19
CIN1
Analog
Connections for inner loop capacitors of A/D
18
CIP1
Analog
converters
21
CIN2
Analog
20
CIP2
Analog
23
CIN3
Analog
22
CIP3
Analog
36
CINP
Analog
35
CIPP
Analog
3
VREF
Analog
Connection for reference current setting resistor
62
SDO
Open drain
Pulse rate output. Serial data output when PB is low
67
SR[0]
Input
Control for tariff register selection (on-chip pull-up)
68
SR[1]
Input
Control for tariff register selection (on-chip pull-up)
66
PB
Input
Push Button: Display select/start serial data
transmission on SDO (on-chip pull-up)
65
PGM
Input
Programming Mode . It is recommended that pin PGM
be connected to VDD via a 470
Ω resistor to guard
against transients or noise.
64
PDTA
Input
Programming Data (on-chip pull-down)
63
PCLK
Input
Programming Clock
9
TP9
Manufacturer's test pins (Leave unconnected)
10
TP10
11
TP11
13
TP13
24
TP24
26
TP26
44
TP44
61
TP61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com