Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9110A Datasheet(PDF) 16 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 16 Page - Sames

Back Button SA9110A Datasheet HTML 10Page - Sames SA9110A Datasheet HTML 11Page - Sames SA9110A Datasheet HTML 12Page - Sames SA9110A Datasheet HTML 13Page - Sames SA9110A Datasheet HTML 14Page - Sames SA9110A Datasheet HTML 15Page - Sames SA9110A Datasheet HTML 16Page - Sames SA9110A Datasheet HTML 17Page - Sames SA9110A Datasheet HTML 18Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
SA9110A
16/18
sames
Parts List for Application Circuit: Figure 1
Item
Symbol
Description
Detail
1
IC-1
SA9110AFA
PLCC-68
2
XTAL
Crystal, 3.5795 MHz
Colour burst TV
3
R1
Resistor, 390k, 1%, ¼W
Note 1
4
R2
Resistor, 390k, 1%, ¼W
Note 1
5
R3
Resistor, 390k, 1%, ¼W
Note 1
6
R4
Resistor, 24k, 1%, ¼W
Note 1
7
R5
Resistor, 24k, 1%, ¼W
Note 1
8
R6
Resistor, 24k, 1%, ¼W
Note 1
9
R7
Resistor, 24k, 1%, ¼W
10
R8
Resistor
Note 2
11
R9
Resistor
Note 2
12
R10
Resistor
Note 2
13
R11
Resistor
Note 2
14
R12
Resistor
Note 2
15
R13
Resistor
Note 2
16
R14
Resistor, 820
Ω, 1%, ¼W
17
R15
Resistor, 1M, 1%, ¼W
Note 1
18
R16
Resistor, 1M, 1%, ¼W
Note 1
19
R17
Resistor, 1M, 1%, ¼W
Note 1
20
R18
Resistor
Note 2
21
R19
Resistor
Note 2
22
R20
Resistor
Note 2
23
R21
Resistor, 820
Ω, 1%, ¼W
24
R22
Resistor, 820
Ω, 1%, ¼W
25
R23
Resistor, 470
Ω
26
C1
Capacitor, electrolytic, 1µF, 16V
Note 3
27
C2
Capacitor, electrolytic, 1µF, 16V
Note 3
28
C3
Capacitor, electrolytic, 1µF, 16V
Note 3
29
C4
Capacitor, 3.3nF
30
C5
Capacitor, 3.3nF
31
C6
Capacitor, 3.3nF
32
C7
Capacitor, 2.2nF
33
C8
Capacitor, 3.3nF
34
C9
Capacitor, 560pF
35
C10
Capacitor, 560pF
36
C11
Capacitor, 560pF
37
C12
Capacitor, 100nF
38
C13
Capacitor, 820nF
Note 4
39
C14
Capacitor, 100nF
40
BAT
Battery (1.2V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com