Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9604APA Datasheet(PDF) 12 Page - Sames

Part # SA9604APA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604APA Datasheet(HTML) 12 Page - Sames

Back Button SA9604APA Datasheet HTML 8Page - Sames SA9604APA Datasheet HTML 9Page - Sames SA9604APA Datasheet HTML 10Page - Sames SA9604APA Datasheet HTML 11Page - Sames SA9604APA Datasheet HTML 12Page - Sames SA9604APA Datasheet HTML 13Page - Sames SA9604APA Datasheet HTML 14Page - Sames SA9604APA Datasheet HTML 15Page - Sames SA9604APA Datasheet HTML 16Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SA9604A
sames
12/20
negative energy flow
positive energy flow
register wrap around
register wrap around
0
H7FFFFF
(8388607)
H800000
(8388608)
HFFFFFF
(16777215)
...............
...............
Register values
6.
Register Values
The 24 bit registers are up/down counters, which increment or decrement at a rate
of 640k/s (640k*2/PI for reactive) at rated conditions. The energy register values will
increment for positive energy flow and decrement for negative energy flow as can
be seen in the following diagram:
At power-up the register values are underfined and for this reason the msb of the
delta value (delta value = present register value - previous register value) should
be regarded as an indication of the measured energy direction. (0 = positive, 1 =
negative).
The delta value for the energy registers is between 0 and 8388607 for positive
energy flow and between 0 and -8388607 for negative energy flow. For voltage the
maximum usable delta value is 16777215 as voltage is in a positive direction only.
When reading the registers care should be taken to check for a wrap around
condition.
As an example lets assume that with a constant load connected the delta value is
22260. Because of the constant load, the delta value should always be 22260 every
time the register is read and the previous value subtracted (assuming the same time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com