Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9604APA Datasheet(PDF) 7 Page - Sames

Part # SA9604APA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604APA Datasheet(HTML) 7 Page - Sames

Back Button SA9604APA Datasheet HTML 3Page - Sames SA9604APA Datasheet HTML 4Page - Sames SA9604APA Datasheet HTML 5Page - Sames SA9604APA Datasheet HTML 6Page - Sames SA9604APA Datasheet HTML 7Page - Sames SA9604APA Datasheet HTML 8Page - Sames SA9604APA Datasheet HTML 9Page - Sames SA9604APA Datasheet HTML 10Page - Sames SA9604APA Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SA9604A
sames
7/20
Address locations A4 and A5 have been included to ensure compatibility with future
SAMES integrated circuit developments.
When CS is high, data input on pin DI is clocked into the device on the rising edge
of SCK. The data clocked into DI will comprise of 1 1 0 A5 A4 A3 A2 A1 A0, in this
order.
5.3 Data Output
After the least significant digit of the address has been entered on the rising edge
of SCK, the output DO goes low with falling edge of SCK. Each subsequent falling
edge transaction on the SCK pin will validate data of the register contents on pin DO.
The contents of each register consists of 24 bits of data output on pin D0, starting
with the most significant digit, D23.
5.4 Frequency Register
For the frequency register only bits D15 ... D0 are used for calculations. The upper
seven bits (D23 ... D17) must still be clocked out, as important frequency information
can be derived from these data bits.
Bit D17 changes with every rising edge of the mains voltage (25Hz square wave for
50Hz mains system). Bit D18 displays a frequency of D17/2 and D19 displays a
frequency of D17/4.
The phase error status may be ascertained from bits D20 and D21. The table below
may be used for this purpose:
D21
0
1
1
D20
0
0
1
No phase error
Phase sequence error (2 phase swapped)
Missing phase
Frequency data Bits
Description
The phase error status is merged on all three frequency registers.
Bits D16, D22 and D23 are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com